Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GT120 Datasheet (PDF) - Metcal

GT120 Datasheet PDF - Metcal
Part # GT120
Download  GT120 Download
File Size   263.05 Kbytes
Page   2 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description GT Series Soldering Systems

GT120 Datasheet (PDF)

Go To PDF Page Download Datasheet
GT120 Datasheet PDF - Metcal

Part # GT120
Download  GT120 Click to download

File Size   263.05 Kbytes
Page   2 Pages
Manufacturer  METCAL [Metcal]
Direct Link  https://www.metcal.com/
Logo METCAL - Metcal
Description GT Series Soldering Systems

GT120 Datasheet (HTML) - Metcal


GT120 Product details

System Features
• 120 W power station
• Adjustable temperature ranges from 200 to 450 °C (392 to 842 °F)
• Wide variety of cartridge and tip options
• Patented Chip-in-Cartridge technology
• Compact size due to external power source
• Universal power input
• Intuitive user interface
• Programmable temperature presets, standby and sleep settings
• Easy to read 2.5” display
• 5 V, 0.5 A USB port to power accessories
• Field upgradeable firmware using a USB memory stick




Similar Part No. - GT120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT120NWS ETC1-GT120NWS Datasheet
468Kb / 10P
Mini size of Discrete semiconductor elements
GT120PS ETC1-GT120PS Datasheet
468Kb / 10P
Mini size of Discrete semiconductor elements
GT120PWS ETC1-GT120PWS Datasheet
468Kb / 10P
Mini size of Discrete semiconductor elements
More results


Similar Description - GT120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LBH1035 ETC-LBH1035 Datasheet
187Kb / 16P
Soldering methods : IR reflow soldering
logo
C&K Components
GT21MSCBE CK-COMPONENTS-GT21MSCBE Datasheet
419Kb / 5P
GT Series Sealed Ultraminiature Toggle Switches
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
List of Unclassifed Man...
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
SOLDERING, DESOLDERING AND REWORK SYSTEMS
MS3420-8 ETC2-MS3420-8 Datasheet
130Kb / 9P
GT Connectors - accessories
MI-D2550GT ETC2-MI-D2550GT Datasheet
129Kb / 1P
nVIDIA짰 GeForce GT 610
logo
Soberton Inc.
GT-0601A SOBERTON-GT-0601A Datasheet
288Kb / 5P
GT MAGNETIC BUZZER
GT-0603A-2 SOBERTON-GT-0603A-2 Datasheet
298Kb / 5P
GT MAGNETIC BUZZER
logo
PHOENIX CONTACT
2700197 PHOENIX-2700197 Datasheet
62Kb / 6P
Router - FL MGUARD GT/GT
09/03/2014
2700198 PHOENIX-2700198 Datasheet
119Kb / 12P
Router - FL MGUARD GT/GT VPN
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com