Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPS-9380MG Datasheet (PDF) - Optoway Technology Inc

SPS-9380MG Datasheet PDF - Optoway Technology Inc
Part # SPS-9380MG
Download  SPS-9380MG Download
File Size   150.68 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER

SPS-9380MG Datasheet (PDF)

Go To PDF Page Download Datasheet
SPS-9380MG Datasheet PDF - Optoway Technology Inc

Part # SPS-9380MG
Download  SPS-9380MG Click to download

File Size   150.68 Kbytes
Page   4 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER

SPS-9380MG Datasheet (HTML) - Optoway Technology Inc


SPS-9380MG Product details

DESCRIPTION
The SPS-9380MG series single mode transceivers is small form factor pluggable module for bi-directional serial optical data communications such as SONET OC-48 / SDH STM-16, Gigabit Ethernet 1000BASE-LX and Fibre Channel 1x/2x SM-LC-L FC-PI. It is with the SFP 20-pin connector to allow hot plug capability. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. A guaranteed minimum optical link budget of 26 dB is offered which can correspond to a link distance of over 80 km (assuming worst case fiber loss of 0.25 dB/km).

FEATURES
● Hot-Pluggable SFP Footprint LC Optical Transceiver
● Small Form-Factor Pluggable (SFP) MSA compatible
● Compliant with SONET OC-48 (LR-2) / SDH STM-16 (L-16.2)
● Compliant with Fibre Channel 1x/2x SM-LC-L FC-PI
● Compliant with IEEE 802.3z 1000BASE-ZX
● 1550 nm DFB LD Transmitter
● APD High Sensitivity Receiver
● 26 dB Power Budget at Least
● AC/AC Coupling according to MSA
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70oC Operation: SPS-9380MG
● -10 to 85oC Operation: SPS-9380BMG
● -40 to 85oC Operation: SPS-9380AMG
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● SONET OC-48 / SDH STM-16
● SONET OC-12 / SDH STM-4
● SONET OC-3 / SDH STM-1
● Gigabit Ethernet / 1X/2X Fibre Channel




Similar Part No. - SPS-9380MG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9380MG OPTOWAY-SPS-9380MG Datasheet
149Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG OPTOWAY-SPS-9380MG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG OPTOWAY-SPS-9380MG_15 Datasheet
149Kb / 5P
Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG_2015 OPTOWAY-SPS-9380MG_2015 Datasheet
149Kb / 5P
Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results


Similar Description - SPS-9380MG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
SPS-9340MG OPTOWAY-SPS-9340MG Datasheet
150Kb / 4P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MG OPTOWAY-SPS-93100MG Datasheet
150Kb / 4P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MG OPTOWAY-SPS-93120MG Datasheet
150Kb / 4P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9340MG OPTOWAY-SPS-9340MG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MG OPTOWAY-SPS-9380MG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-9380MWG OPTOWAY-SPS-9380MWG_08 Datasheet
150Kb / 5P
3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93100MG OPTOWAY-SPS-93100MG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MG OPTOWAY-SPS-93120MG_08 Datasheet
149Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
SPS-93120MWG OPTOWAY-SPS-93120MWG_08 Datasheet
150Kb / 5P
3.3V / 1550 nm /Multirate Digital Diagnostic SFP LC SINGLE-MODE TRANSCEIVER
SPS-93160MG OPTOWAY-SPS-93160MG Datasheet
148Kb / 5P
3.3V / 1550 nm / Multirate SFP LC SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com