Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF100PW219 Datasheet (PDF) - Infineon Technologies AG

IRF100PW219 Datasheet PDF - Infineon Technologies AG
Part # IRF100PW219
Download  IRF100PW219 Download
File Size   1033.27 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ Power MOSFET, 100 V

IRF100PW219 Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF100PW219 Datasheet PDF - Infineon Technologies AG

Part # IRF100PW219
Download  IRF100PW219 Click to download

File Size   1033.27 Kbytes
Page   12 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description MOSFET StrongIRFET™ Power MOSFET, 100 V

IRF100PW219 Datasheet (HTML) - Infineon Technologies AG


IRF100PW219 Product details

Features
• Very low on‑resistance Rds(on)
• Excellent gate charge x Rds(on) (FOM)
• Optimized Qrr
• 175°C operating temperature
• Product validation according to JEDEC standard
• Optimized for broadest availability from distribution partners

Benefits
• Reduced conduction losses
• Ideal for high switching frequency
• Lower overshoot voltage
• Increased reliability versus 150°C rated parts
• Pb‑free lead plating; RoHS compliant
• Lead free, Halogen‑free according to IEC61249‑2‑21




Similar Part No. - IRF100PW219

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 17P
UPS and Inverter applications
V1.0 2017-12-18
logo
Inchange Semiconductor ...
IRF100P218 ISC-IRF100P218 Datasheet
341Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IRF100P218 INFINEON-IRF100P218 Datasheet
1Mb / 11P
MOSFET StrongIRFETª
Rev. 2.1, 2020-01-20
IRF100P218 INFINEON-IRF100P218_V01 Datasheet
1Mb / 11P
MOSFET StrongIRFETª
Rev. 2.1, 2020-01-20
IRF100P219 INFINEON-IRF100P219 Datasheet
1Mb / 17P
UPS and Inverter applications
V2.0 2017-12-18
More results


Similar Description - IRF100PW219

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD19532Q5B TI1-CSD19532Q5B Datasheet
1Mb / 13P
100 V N-Channel NexFET??Power MOSFET
logo
Infineon Technologies A...
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200P223 INFINEON-IRF200P223 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
StrongIRFET
Rev.2.2,2020-07-02
IPTC014N10NM5 INFINEON-IPTC014N10NM5 Datasheet
1Mb / 13P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.0, 2022-05-24
IQE065N10NM5 INFINEON-IQE065N10NM5 Datasheet
1Mb / 12P
MOSFET OptiMOSTM 5 Power-Transistor, 100 V
Rev. 2.1, 2021-12-01
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
StrongIRFET™
V2.2 2020-01-07
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com