Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2321648 Datasheet (PDF) - PHOENIX CONTACT

2321648 Datasheet PDF - PHOENIX CONTACT
Part # 2321648
Download  2321648 Download
File Size   298.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CABLE-FCN40/1X50/ 1,0M/M340 - Cable

2321648 Datasheet (PDF)

Go To PDF Page Download Datasheet
2321648 Datasheet PDF - PHOENIX CONTACT

Part # 2321648
Download  2321648 Click to download

File Size   298.24 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description CABLE-FCN40/1X50/ 1,0M/M340 - Cable

2321648 Datasheet (HTML) - PHOENIX CONTACT


2321648 Product details

Round cable set; controller: MODICON® M340 (BMX DDI 3202K, BMX DDI 6402K, BMX DD0
3202K, BMX DD0 6402K, BMX DDM 3202K); connection 1: Fujitsu connector (1x 40-position);
connection 2: IDC/FLK socket strip (1x 50-position); cable length: 1 m




Similar Part No. - 2321648

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2321606 PHOENIX-2321606 Datasheet
47Kb / 3P
Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 17.0 m
2321619 PHOENIX-2321619 Datasheet
47Kb / 3P
Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 18.0 m
2321622 PHOENIX-2321622 Datasheet
47Kb / 3P
Assembled round cable with two molded 40-pos. socket strips (1:1 connection). Cable length: 19.0 m
logo
TE Connectivity Ltd
2321630 TEC-2321630 Datasheet
3Mb / 10P
QSFP28/56 and zQSFP Interconnects
logo
PHOENIX CONTACT
2321635 PHOENIX-2321635 Datasheet
298Kb / 8P
CABLE-FCN40/1X50/ 0,5M/M340 - Cable
More results


Similar Description - 2321648

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2903468 PHOENIX-2903468 Datasheet
66Kb / 6P
Cable - CABLE-FCN40/1X50/ 0,5M/IM/MEL
2903469 PHOENIX-2903469 Datasheet
66Kb / 6P
Cable - CABLE-FCN40/1X50/ 1,0M/IM/MEL
2903471 PHOENIX-2903471 Datasheet
66Kb / 6P
Cable - CABLE-FCN40/1X50/ 3,0M/IM/MEL
2903474 PHOENIX-2903474 Datasheet
65Kb / 6P
Cable - CABLE-FCN40/1X50/ 8,0M/IM/MEL
2903477 PHOENIX-2903477 Datasheet
60Kb / 5P
Cable - CABLE-FCN40/1X50/ 1,0M/IP/MEL
2903479 PHOENIX-2903479 Datasheet
60Kb / 5P
Cable - CABLE-FCN40/1X50/ 3,0M/IP/MEL
2903481 PHOENIX-2903481 Datasheet
60Kb / 5P
Cable - CABLE-FCN40/1X50/ 6,0M/IP/MEL
2903482 PHOENIX-2903482 Datasheet
60Kb / 5P
Cable - CABLE-FCN40/1X50/ 8,0M/IP/MEL
2903503 PHOENIX-2903503 Datasheet
69Kb / 6P
Cable - CABLE-FCN40/4X14/ 1,0M/IM/MEL
105344 PHOENIX-105344 Datasheet
135Kb / 3P
CABLE-FCN40/1X50/.../IM/MEL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com