Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2909400 Datasheet (PDF) - PHOENIX CONTACT

2909400 Datasheet PDF - PHOENIX CONTACT
Part # 2909400
Download  2909400 Download
File Size   313.43 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 2,5/ 4-L RD - PCB terminal block

2909400 Datasheet (PDF)

Go To PDF Page Download Datasheet
2909400 Datasheet PDF - PHOENIX CONTACT

Part # 2909400
Download  2909400 Click to download

File Size   313.43 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 2,5/ 4-L RD - PCB terminal block

2909400 Datasheet (HTML) - PHOENIX CONTACT


2909400 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross
section: 2.5 mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4,
product range: MKDSO 2,5/..-L, pitch: 5 mm, connection method: Screw connection with tension
sleeve, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: red, Pin
layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. Product with pin output on left side




Similar Part No. - 2909400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2909413 PHOENIX-2909413 Datasheet
96Kb / 2P
MKDSO 2,5/ 4-R RD
2909442 PHOENIX-2909442 Datasheet
70Kb / 2P
Side element, with screw fixture, to attach profile cover UM 122 to DIN rail NS 35/7.5
2909471 PHOENIX-2909471 Datasheet
47Kb / 2P
UM 122 FE foot element, for UM 122 profile housing
2909484 PHOENIX-2909484 Datasheet
49Kb / 2P
Electronic housing - UEGM-SE 5 BK OHNE LOGO(VPE100)
11/05/2018
More results


Similar Description - 2909400

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2707945 PHOENIX-2707945 Datasheet
62Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-4 SET
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
2869757 PHOENIX-2869757 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 3-L BK
2901505 PHOENIX-2901505 Datasheet
106Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-L BU
2908032 PHOENIX-2908032 Datasheet
111Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BU
2908430 PHOENIX-2908430 Datasheet
64Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-L BK VPE200
2908472 PHOENIX-2908472 Datasheet
81Kb / 6P
PCB terminal block - MKDSO 2,5/ 4-R KMGY
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
2909772 PHOENIX-2909772 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-L BK VPE200
2203516 PHOENIX-2203516 Datasheet
310Kb / 8P
MKDSO 2,5/ 2-L TS - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com