Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRS-3380G Datasheet (PDF) - Optoway Technology Inc

TRS-3380G Datasheet PDF - Optoway Technology Inc
Part # TRS-3380G
Download  TRS-3380G Download
File Size   133.88 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver

TRS-3380G Datasheet (PDF)

Go To PDF Page Download Datasheet
TRS-3380G Datasheet PDF - Optoway Technology Inc

Part # TRS-3380G
Download  TRS-3380G Click to download

File Size   133.88 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver

TRS-3380G Datasheet (HTML) - Optoway Technology Inc


TRS-3380G Product details

DESCRIPTION
The TRS-3380G series single mode transceivers is low power, high performance module for bi-directional serial optical data communications such as SONET OC-3 / SDH STM-1 (L-1.2) and Fast Ethernet. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. The transmitter section uses a multiple quantum well 1550 nm DFB laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A PECL logic interface simplifies interface to external circuitry.

FEATURES
● Duplex SC Single Mode Transceiver: TRS-3380G
● Duplex ST Single Mode Transceiver:TRS-3380TG
● Duplex FC Single Mode Transceiver:TRS-3380FG
● Long-Reach SONET OC-3 / SDH STM-1 (L-1.2) Compliant
● 1550 nm DFB LD Transmitter
● Industry Standard 1 x 9 Footprint
● Single +3.3 V Power Supply
● RoHS Compliant
● 0 to 70 °C Operation: TRS-3380G
● -20 to 85 °C Operation: TRS-3380AG
● PECL Signal Detection Output
● LED Multisourced 1 x 9 Transceiver Interchangeable
● Wave Solderable and Aqueous Washable
● Class 1 Laser International Safety Standard IEC-60825 Compliant

APPLICATIONS
● ATM 155 Mbps Links
● SONET/SDH Equipment Interconnect
● Fast Ethernet 100 Mb/s Links




Similar Part No. - TRS-3380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3380-CXX0G OPTOWAY-TRS-3380-CXX0G Datasheet
135Kb / 5P
CWDM 3.3V / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results


Similar Description - TRS-3380G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRS-3220G OPTOWAY-TRS-3220G Datasheet
141Kb / 5P
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3240G OPTOWAY-TRS-3240G Datasheet
141Kb / 5P
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3280G OPTOWAY-TRS-3280G Datasheet
141Kb / 5P
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3320G OPTOWAY-TRS-3320G Datasheet
133Kb / 5P
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-3340G OPTOWAY-TRS-3340G Datasheet
133Kb / 5P
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32100G OPTOWAY-TRS-32100G Datasheet
140Kb / 5P
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-32120G OPTOWAY-TRS-32120G Datasheet
141Kb / 5P
5V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33100G OPTOWAY-TRS-33100G Datasheet
134Kb / 5P
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33120G OPTOWAY-TRS-33120G Datasheet
133Kb / 5P
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
TRS-33200G OPTOWAY-TRS-33200G Datasheet
105Kb / 4P
3.3V / 1550 nm / 155 Mbps RoHS Compliant Optical Single-Mode Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com