Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7281 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7281 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7281
Download  VSC7281 Download
File Size   436.19 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver

VSC7281 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7281 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7281
Download  VSC7281 Click to download

File Size   436.19 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Dual XAUI - Single XGMII Quad 0.95 Gbps to 3.25 Gbps Transceiver

VSC7281 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7281 Product details

GENERAL DESCRIPTION
The VSC7281 is a Dual XAUI – Single XGMII Transceiver tailored for 10 Gigabit Ethernet (10GbE) and 10 Gigabit Fibre Channel (10GFC) applications. The feature set and flexibility of these devices make them perfectly suited for Backplane and other Serial Interconnect applications such as Serial Rapid I/O, PCI Express and XAUI.
   
FEATURES
► IEEE802.3ae 10 Gigabit Ethernet Compliant
► ANSI 10Gb Fibre Channel Compliant
► Dual XAUI Serial Bus
► Single XGMII Parallel Bus
► 0.95 Gbps to 3.25 Gbps Quad SerDes/Transceiver
► XAUI Compliant Retimer and Repeater Modes
► Simultaneous Operation at Multiple Frequencies
► Programmable Pre-Emphasis and Signal Equalization
► 8B/10B Encoder/Decoder with Optional Bypass
► Programmable Rate Matching Characters
► Elastic Buffer for Intra/Inter-Chip Deskewing and Channel-toChannel Alignment
► Received Data Aligned to Local REFCLK or to Recovered Clock
► TX and RX Rate Matching for FC, 1GbE, and InfiniBand™
► Output Reduced Swing Level for Optics
► Serial and Parallel Loopback
► Fast Locking CRU
► Flexible CMU Operation
► IEEE802.3 MDIO Register Interface
► Multiple Built-In-Self Test Diagnostics and Counters
    - PRBS, CRPAT, CJPAT Pattern Generation
► JTG Boundary Scan
► HSTL1.5 and HSTL1.8 Parallel I/O
   
APPLICATIONS
► 10 Gigabit Ethernet and Fibre Channel Links
    - XENPAK, X2, XPAK Module Connections
► High Speed Serial Backplanes
    - XAUI Channel
    - Independent Channel Control
► Box-to-Box Serial Communications
    - Copper, Coax, and Fiber
   




Similar Part No. - VSC7281

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
More results


Similar Description - VSC7281

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK2500IRCP TI-TLK2500IRCP Datasheet
268Kb / 20P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK4015 TI-TLK4015 Datasheet
350Kb / 24P
QUAD 0.6 TO 1.5 Gbps TRANSCEIVER
TLK4120 TI-TLK4120 Datasheet
346Kb / 19P
QUAD 0.5 to 1.3 Gbps TRANSCEIVER
logo
Vitesse Semiconductor C...
VSC7280 VITESSE-VSC7280 Datasheet
444Kb / 2P
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
VSC8486 VITESSE-VSC8486 Datasheet
485Kb / 2P
10 Gbps XAUI or XGMII to XFI LAN/WAN Transceiver
logo
Texas Instruments
TLK2500 TI1-TLK2500 Datasheet
297Kb / 10P
1.6 Gbps to 2.5 Gbps TRANSCEIVER
TLK3114SC TI1-TLK3114SC Datasheet
368Kb / 68P
10-Gbps XAUI Transceiver
TLK3114SA TI1-TLK3114SA_13 Datasheet
317Kb / 66P
10-Gbps XAUI Transceiver
TLK3101 TI1-TLK3101_16 Datasheet
612Kb / 28P
2.5 Gbps to 3.125 Gbps TRANSCEIVER
TLK3114SA TI1-TLK3114SA Datasheet
328Kb / 68P
10-Gbps Xaui Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com