Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCAL9722HN Datasheet (PDF) - NXP Semiconductors

PCAL9722HN Datasheet PDF - NXP Semiconductors
Part # PCAL9722HN
Download  PCAL9722HN Download
File Size   778.05 Kbytes
Page   63 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset

PCAL9722HN Datasheet (PDF)

Go To PDF Page Download Datasheet
PCAL9722HN Datasheet PDF - NXP Semiconductors

Part # PCAL9722HN
Download  PCAL9722HN Click to download

File Size   778.05 Kbytes
Page   63 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Ultra low-voltage translating 22-bit SPI I/O expander with Agile I/O features, interrupt output and reset

PCAL9722HN Datasheet (HTML) - NXP Semiconductors


PCAL9722HN Product details

2 Features and benefits
• SPI bus to parallel port expander
• 5 MHz SPI bus
• Operating power supply voltage range of 1.1 V to 5.5 V on the SPI bus side
• Allows bidirectional voltage-level translation and GPIO expansion between 1.1 V to 5.5 V on SPI and 1.8 V,
2.5 V, 3.3 V, 5.5 V on Port P
• Low standby current consumption: 2.0 μA typical at 3.3 V VDD
• Schmitt trigger action allows slow input transition and better switching noise immunity at the SPI inputs
(SCLK, SDIN, CS)
– Vhys = 0.11 V (typical) at 1.1 V
– Vhys = 0.18 V (typical) at 1.8 V
– Vhys = 0.33 V (typical) at 3.3 V
– Vhys = 0.55 V (typical) at 5.5 V
• 5.5 V tolerant I/O ports and SPI bus pins
• Active LOW reset input (RESET)
• Open-drain active LOW interrupt output (INT)
• Internal power-on reset
• Noise filter on SPI inputs
• Latched outputs with 25 mA drive maximum capability for directly driving LEDs
• Latch-up performance exceeds 100 mA per JESD 78, Class II
• ESD protection exceeds JESD 22
– 2000 V Human-Body Model (A114-A)
– 1000 V Charged-Device Model (C101)
• Package offered: HVQFN32
2.1 Agile I/O features
• Output port configuration: bank selectable or pin selectable push-pull or open-drain output stages
• Interrupt status: read-only register identifies the source of an interrupt
• Bit-wise I/O programming features:
– Output drive strength: four programmable drive strengths to reduce rise and fall times in low-capacitance
applications
– Input latch: Input Port register values changes are kept until the Input Port register is read
– Pull-up/pull-down enable: floating input or pull-up/pull-down resistor enable
– Pull-up/pull-down selection: 100 kΩ pull-up/pull-down resistor selection
– Interrupt mask: mask prevents the generation of the interrupt when input changes state to prevent spurious
interrupts
2.2 Additional Agile I/O Plus features
• Interrupt edge specification on a bit-by-bit basis
• Interrupt individual clear without disturbing other events
• Read all interrupt events without clear
• Switch debounce hardware




Similar Part No. - PCAL9722HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL9714 NXP-PCAL9714 Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HN NXP-PCAL9714HN Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HN/Q900 NXP-PCAL9714HN/Q900 Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HN/Q900MP NXP-PCAL9714HN/Q900MP Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
PCAL9714HNMP NXP-PCAL9714HNMP Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
More results


Similar Description - PCAL9722HN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCAL6524HEAZ NXP-PCAL6524HEAZ Datasheet
2Mb / 69P
Ultra low-voltage translating 24-bit Fm I2C-bus/SMBus I/O expander with Agile I/O features, interrupt output and reset
Rev.1.1-21 September 2016
logo
Texas Instruments
TCAL6416 TI-TCAL6416 Datasheet
1Mb / 42P
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6416 TI-TCAL6416_V01 Datasheet
1Mb / 43P
TCAL6416 Low-Voltage Translating, 16-Bit I2C-Bus/SMBus I/O Expander with Interrupt Output, Reset, and Agile I/O Configuration Registers
JUNE 2022
TCAL6408 TI-TCAL6408_V01 Datasheet
1Mb / 39P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V02 Datasheet
1Mb / 42P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
TCAL6408 TI-TCAL6408_V03 Datasheet
1Mb / 45P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED DECEMBER 2022
logo
NXP Semiconductors
PCAL9714 NXP-PCAL9714 Datasheet
708Kb / 56P
Ultra low-voltage translating 14-bit SPI I/O expander with Agile I/O features, interrupt output, and reset
Rev. 1.0 - 1 May 2023
logo
Texas Instruments
TCAL6408 TI-TCAL6408_V04 Datasheet
1Mb / 48P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL9538 TI-TCAL9538_V01 Datasheet
1Mb / 41P
TCAL9538 8-Bit I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
TCAL6408 TI1-TCAL6408_V05 Datasheet
1Mb / 51P
TCAL6408 8-Bit Translating I2C-Bus, SMBus I/O Expander With Interrupt Output, Reset, and Agile I/O Configuration Registers
REVISED NOVEMBER 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com