Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2914767 Datasheet (PDF) - PHOENIX CONTACT

2914767 Datasheet PDF - PHOENIX CONTACT
Part # 2914767
Download  2914767 Download
File Size   308.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UTG/FE1 KMGY - Mounting base housing

2914767 Datasheet (PDF)

Go To PDF Page Download Datasheet
2914767 Datasheet PDF - PHOENIX CONTACT

Part # 2914767
Download  2914767 Click to download

File Size   308.4 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ME 45 UTG/FE1 KMGY - Mounting base housing

2914767 Datasheet (HTML) - PHOENIX CONTACT


2914767 Product details

DIN rail housing, Lower housing part with metal foot catch, with FE contact, tall design, without
vents, width: 45.2 mm, height: 99 mm, depth: 107.3 mm, color: light gray (similar RAL 7035),
cross connection: without bus connector, number of positions cross connector: not relevant




Similar Part No. - 2914767

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2914754 PHOENIX-2914754 Datasheet
44Kb / 2P
Component housing, Color: blue, Width: 17.5 mm
2914783 PHOENIX-2914783 Datasheet
115Kb / 7P
Lower part of housing, fully assembled, with metal foot catch.
2914796 PHOENIX-2914796 Datasheet
308Kb / 8P
ME 17,5 UTG TBUS KMGY - Mounting base housing
More results


Similar Description - 2914767

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2914822 PHOENIX-2914822 Datasheet
68Kb / 5P
Electronic housing - ME 35 UTG TBUS KMGY
2706108 PHOENIX-2706108 Datasheet
55Kb / 2P
Electronic housing - ME 45 UTG YE
11/05/2018
2854157 PHOENIX-2854157 Datasheet
121Kb / 9P
Mounting base housing - ME 22,5 F-UTG/FE GN
09/12/2020
2869524 PHOENIX-2869524 Datasheet
128Kb / 10P
Mounting base housing - ME 22,5 UT TBUS KMGY
09/12/2020
2890975 PHOENIX-2890975 Datasheet
52Kb / 2P
Electronic housing - ME MAX 45 MT 3-3 KMGY
09/12/2018
2901123 PHOENIX-2901123 Datasheet
52Kb / 2P
Housing - ME MAX 45 PLATE KMGY
11/05/2018
2914835 PHOENIX-2914835 Datasheet
123Kb / 10P
Mounting base housing - ME 22,5 F-UT TBUS KMGY
09/12/2020
2869511 PHOENIX-2869511 Datasheet
226Kb / 11P
Mounting base housing - ME 45 UT TBUS KMGY
11/25/2021
2200544 PHOENIX-2200544 Datasheet
222Kb / 11P
Mounting base housing - ME 67,5 UT TBUS KMGY
11/25/2021
2200545 PHOENIX-2200545 Datasheet
227Kb / 11P
Mounting base housing - ME 90 UT TBUS KMGY
11/25/2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com