Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2915258 Datasheet (PDF) - PHOENIX CONTACT

2915258 Datasheet PDF - PHOENIX CONTACT
Part # 2915258
Download  2915258 Download
File Size   310.16 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 2,5/ 2-R KMGY - PCB terminal block

2915258 Datasheet (PDF)

Go To PDF Page Download Datasheet
2915258 Datasheet PDF - PHOENIX CONTACT

Part # 2915258
Download  2915258 Click to download

File Size   310.16 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDSO 2,5/ 2-R KMGY - PCB terminal block

2915258 Datasheet (HTML) - PHOENIX CONTACT


2915258 Product details

Printed circuit board terminal, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross
section: 2.5 mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2,
product range: MKDSO 2,5/..-R, pitch: 5 mm, connection method: Screw connection with tension
sleeve, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color: light gray, Pin
layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of
packaging: packed in cardboard. Product with pin output on right side




Similar Part No. - 2915258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2915216 PHOENIX-2915216 Datasheet
164Kb / 5P
MSTBO 2,5/ 3 G1L THRR44 BK
2915229 PHOENIX-2915229 Datasheet
176Kb / 5P
MSTBO 2,5/ 3 G1R THRR44 BK
2915232 PHOENIX-2915232 Datasheet
75Kb / 6P
Electronic housing - ME 22,5 UT BUS/102 GN
logo
Murata Manufacturing Co...
29152C MURATA-29152C Datasheet
154Kb / 3P
Shielded Surface Mount Inductors
logo
Murata Power Solutions ...
29152C MURATA-PS-29152C Datasheet
175Kb / 3P
Shielded Surface Mount Inductors
More results


Similar Description - 2915258

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2199676 PHOENIX-2199676 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5 HV/ 2L-7,5 KMGY
2199773 PHOENIX-2199773 Datasheet
85Kb / 3P
PCB terminal block - MKDSO 2,5 HV/ 2R-7,5 KMGY
2695950 PHOENIX-2695950 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 3-R BU
2854092 PHOENIX-2854092 Datasheet
157Kb / 5P
MKDSO 2,5/ 3-R KMGY
2854102 PHOENIX-2854102 Datasheet
80Kb / 6P
PCB terminal block - MKDSO 2,5/ 3-L KMGY
2901518 PHOENIX-2901518 Datasheet
56Kb / 3P
PCB terminal block - MKDSO 2,5/ 2-R BU
2908472 PHOENIX-2908472 Datasheet
81Kb / 6P
PCB terminal block - MKDSO 2,5/ 4-R KMGY
2909581 PHOENIX-2909581 Datasheet
60Kb / 5P
PCB terminal block - MKDSO 2,5/ 4-R GY
2909785 PHOENIX-2909785 Datasheet
63Kb / 5P
PCB terminal block - MKDSO 2,5/ 2-R BK VPE200
2203515 PHOENIX-2203515 Datasheet
311Kb / 8P
MKDSO 2,5/ 2-R TS - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com