Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRSL-5380WG Datasheet (PDF) - Optoway Technology Inc

TRSL-5380WG Datasheet PDF - Optoway Technology Inc
Part # TRSL-5380WG
Download  TRSL-5380WG Download
File Size   158.5 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER

TRSL-5380WG Datasheet (PDF)

Go To PDF Page Download Datasheet
TRSL-5380WG Datasheet PDF - Optoway Technology Inc

Part # TRSL-5380WG
Download  TRSL-5380WG Click to download

File Size   158.5 Kbytes
Page   5 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 3.3V / 1550 nm / 622 Mbps RoHS Complaint SFF LC 2X10 SINGLE-MODE TRANSCEIVER

TRSL-5380WG Datasheet (HTML) - Optoway Technology Inc


TRSL-5380WG Product details

DESCRIPTION

The TRSL-5380WG series single mode transceivers is small form factor, low power, high performance module for bi-directional serial optical data communications such as SONET OC-12 LR-2 / SDH STM-4 (L-4.2) and Fast Ethernet. This module is designed for single mode fiber and operates at a nominal wavelength of 1550 nm. A guaranteed minimum optical link budget of 26 dB is offered which can correspond to a link distance of over 80 km (assuming worst case fiber loss of 0.25 dB/km).



FEATURES

  Duplex LC Single Mode Transceiver

  SONET OC-12 LR-2 / SDH STM-4 (L-4.2) Compliant

  Small Form Factor, RJ-45 size, 2X10 pin Package

  1550 nm DFB LD Transmitter

  26 dB Link Budget at Least

  Analog Monitor Function

   -- Transmitter Laser Bias Current

   -- Transmitter Laser Optical Power Monitor

   -- Receiver Photo Detector Current

  LVPECL Signal Input / Output

  LVTTL Transmitter Disable Input

  LVTTL Signal Detection Output

  Single +3.3 V Power Supply

  RoHS Complaint

  0 to 70oC Operating: TRSL-5380WG

  -20 to 85oC Operating: TRSL-5380AWG

  Wave Solderable and Aqueous Washable

  Class 1 Laser International Safety Standard IEC 60825 Compliant



APPLICATIONS

  ATM 622 Mbps Links

  SONET/SDH Equipment Interconnect

  Fiber Channel 533 Mb/s Links



 




Similar Part No. - TRSL-5380WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results


Similar Description - TRSL-5380WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
TRSL-3380WG OPTOWAY-TRSL-3380WG Datasheet
159Kb / 5P
3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5140WG OPTOWAY-TRSL-5140WG Datasheet
158Kb / 5P
3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5380G OPTOWAY-TRSL-5380G Datasheet
125Kb / 4P
3.3V / 1550 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5380W-CXX0G OPTOWAY-TRSL-5380W-CXX0G Datasheet
160Kb / 5P
3.3V / CWDM / 622 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-9340WG OPTOWAY-TRSL-9340WG Datasheet
160Kb / 5P
3.3V / 1550 nm / 2.5 Gbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33100WG OPTOWAY-TRSL-33100WG Datasheet
158Kb / 5P
3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-33120WG OPTOWAY-TRSL-33120WG Datasheet
159Kb / 5P
3.3V / 1550 nm / 155 Mbps SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5120AG OPTOWAY-TRSL-5120AG Datasheet
114Kb / 4P
3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
TRSL-5120AWG OPTOWAY-TRSL-5120AWG Datasheet
150Kb / 5P
3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
TRSL-5120WG OPTOWAY-TRSL-5120WG Datasheet
150Kb / 5P
3.3V / 1310 nm / 622 Mbps RoHS Compliant SFF LC 2X10 SINGLE-MODE TRANSCEIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com