Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDN138 Datasheet (PDF) - Solid State Inc

SDN138 Datasheet PDF - Solid State Inc
Part # SDN138
Download  SDN138 Download
File Size   473.22 Kbytes
Page   11 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Control Current Requirements (0.5mA)

SDN138 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDN138 Datasheet PDF - Solid State Inc

Part # SDN138
Download  SDN138 Click to download

File Size   473.22 Kbytes
Page   11 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Low Control Current Requirements (0.5mA)

SDN138 Datasheet (HTML) - Solid State Inc


SDN138 Product details

Features
 TTL Compatible
 Low Control Current Requirements (0.5mA)
 High Output Current (60mA)
 High CTR Performance (2000%)
 High Isolation Voltage (5000VRMS)
 Instantaneous Common Mode Rejection (10kV/S)
 RoHS / Pb-Free / REACH Compliant

Applications
 Digital Logic Ground Isolation
 Replace Slower Speed Optocouplers
 Low Input Current Line Receivers
 Ring Detector Circuitry
 Loop Current Receiver
 High Common Mode Noise Line Receiver




Similar Part No. - SDN138

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDN138 SSOUSA-SDN138 Datasheet
455Kb / 11P
Analog High Speed Optocoupler
More results


Similar Description - SDN138

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
6N139 AVAGO-6N139 Datasheet
162Kb / 14P
Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
logo
List of Unclassifed Man...
LL10000HR ETC-LL10000HR Datasheet
122Kb / 2P
low current requirements
logo
Fairchild Semiconductor
6N139SDM FAIRCHILD-6N139SDM Datasheet
442Kb / 14P
Low current ??0.5mA
logo
P-tec Corporation
PL00182-WCRB1811 P-TEC-PL00182-WCRB1811 Datasheet
28Kb / 1P
Low current requirements
PL00182-WCRR2121 P-TEC-PL00182-WCRR2121 Datasheet
55Kb / 1P
Low current requirements
PL00182-WCRY2122 P-TEC-PL00182-WCRY2122 Datasheet
28Kb / 1P
Low current requirements
PL00182-WCRY2722 P-TEC-PL00182-WCRY2722 Datasheet
42Kb / 1P
Low current requirements
PL00182-WCYB0611 P-TEC-PL00182-WCYB0611 Datasheet
28Kb / 1P
Low current requirements
logo
Micropac Industries
66252 MICROPAC-66252 Datasheet
68Kb / 2P
Low input current requirement: 0.5mA
logo
Solid State Optronic
SP946-X SSOUSA-SP946-X Datasheet
197Kb / 6P
Low Input Control Current
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com