Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDS6011 Datasheet (PDF) - Solid State Inc

SDS6011 Datasheet PDF - Solid State Inc
Part # SDS6011
Download  SDS6011 Download
File Size   451.86 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High data date – 1MHz (NRZ)

SDS6011 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDS6011 Datasheet PDF - Solid State Inc

Part # SDS6011
Download  SDS6011 Click to download

File Size   451.86 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description High data date – 1MHz (NRZ)

SDS6011 Datasheet (HTML) - Solid State Inc


SDS6011 Product details

Features
 High data date – 1MHz (NRZ)
 Free from latch up and oscillation
 Microprocessor compatible Drive
 Logic compatible output sinks 16mA @ 0.4V
 Guaranteed on/off threshold hysteresis
 High common mode rejection ratio
 Fast switching (100nS typical tR and tF)
 Wide supply voltage compatibility

Description
The SDS6011 consists of a light emitting diode optically
coupled to an output integrated circuit detector. The
output circuit integrates an optical coupler and a Schmitt
Trigger providing hysteresis for noise immunity and pulse
shaping. Optical coupling between the input IR LED and
output structure allows for high isolation levels while
maintaining low-level DC signal control capability. An open
collector output allows further design flexibility.
The SDS6011 comes standard in a miniature 6 pin DIP
package.

Applications
 Logic to Logic Isolator
 Programmable Current Level Sensor
 Line Receiver (eliminate noise & transients)
 A.C. to TTL Conversion (square wave shaping)
 Digital Programming of Power Supplies
 Interfacing PCs with Peripherals




Similar Part No. - SDS6011

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDS6011 SSOUSA-SDS6011 Datasheet
433Kb / 8P
Schmitt Trigger Optocoupler
More results


Similar Description - SDS6011

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
Date Printer
January 17, 2003
logo
Eudyna Devices Inc
F0513005L EUDYNA-F0513005L Datasheet
448Kb / 13P
3 Gb/s NRZ Data Rate Laser Diode Driver
F0532506Q EUDYNA-F0532506Q Datasheet
501Kb / 15P
3.3 V 2.5 Gb/s NRZ Data Rate Laser Diode Driver
F0539951Q EUDYNA-F0539951Q Datasheet
154Kb / 9P
10.0Gb/s NRZ Data Rate Laser Diode Driver
logo
Lite-On Technology Corp...
LTDL-RX16P04 LITEON-LTDL-RX16P04 Datasheet
104Kb / 4P
High speed transmission (16 Mbps , NRZ code)
logo
Alcoa international inc...
99-5414 ALCOA-99-5414 Datasheet
153Kb / 2P
NOSE ASSEMBLY DATE SHEET
logo
EPCOS
B72220S EPCOS-B72220S Datasheet
174Kb / 1P
Material Date Sheet
logo
Omron Electronics LLC
SS-01GL-3 OMRON-SS-01GL-3 Datasheet
147Kb / 9P
Omron Date Codes
logo
Texas Instruments
TMS320F28335 TI1-TMS320F28335_16 Datasheet
2Mb / 199P
PRODUCTION DATA information is current as of publication date
logo
Analog Devices
HMC706LC3C AD-HMC706LC3C Datasheet
389Kb / 8P
NRZ-to-RZ data type conversion
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com