Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT460 Datasheet (PDF) - Solid State Inc

SDT460 Datasheet PDF - Solid State Inc
Part # SDT460
Download  SDT460 Download
File Size   472.44 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 7.5mm Width 4-Pin Small Outline Package

SDT460 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT460 Datasheet PDF - Solid State Inc

Part # SDT460
Download  SDT460 Click to download

File Size   472.44 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description 7.5mm Width 4-Pin Small Outline Package

SDT460 Datasheet (HTML) - Solid State Inc


SDT460 Product details

Features
 7.5mm Width 4-Pin Small Outline Package
 Creepage > 8mm
 High Input-to-Output Isolation (5kVRMS MIN)
 CTR Range: 50% - 600%
 High Collector-Emitter Voltage (VCE = 70V MIN)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Home Appliances
 Office Automation Equipment
 Vending Machines
 Digital Logic Inputs
 Power Supplies




Similar Part No. - SDT460

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT460 SSOUSA-SDT460 Datasheet
456Kb / 8P
Wide Body Photo-Transistor Optocoupler
More results


Similar Description - SDT460

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
M211 SSOUSA-M211_15 Datasheet
181Kb / 5P
Ultra miniature 4-pin small outline package
M222 SSOUSA-M222_15 Datasheet
171Kb / 5P
Ultra miniature 4-pin small outline package
SAT450 SSOUSA-SAT450_15 Datasheet
378Kb / 8P
Ultra Minature 4-Pin Small Outline Package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3022 SSOUSA-TDM3022 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3042 SSOUSA-TDM3042 Datasheet
377Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3051 SSOUSA-TDM3051 Datasheet
334Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3081 SSOUSA-TDM3081 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com