Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7773 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7773 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7773
Download  VSC7773 Download
File Size   421.29 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor

VSC7773 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7773 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7773
Download  VSC7773 Click to download

File Size   421.29 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 1 to 4 Gbps Transimpedance Amplifiers with Photocurrent Monitor

VSC7773 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7773 Product details

GENERAL DESCRIPTION
The VSC7773, VSC7970, VSC7971, VSC7972, and VSC7973 are high performance Transimpedance Amplifiers (TIA) for Ethernet, Fibre Channel and SONET applications. The VSC7773 support rates from 1 Gbps to 4.25 Gbps. The other parts support rates up to 2.5 Gbps. They feature 5 kΩ differential transimpedance and 1.8 GHz bandwidth with source-terminated differential outputs.
   
FEATURES :
► Single +3.3 V Supply
► 5 kΩ Differential Transimpedance
► Low Power Consumption for SFP/SFF Applications
► Differential Outputs with Linear Current Monitor
► Available as Bare Dice or in a 4-pin or 5-pin TO-46 Package
   
APPLICATIONS
► Gigabit Ethernet Transceivers
► Fibre Channel Transceivers (1x, 2x and 4x)
► SONET/SDH Transceivers
► SONET/SDH Transponders
► 4.25 Gbps Receiver Optical Sub-Assemblies
   




Similar Part No. - VSC7773

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7710 VITESSE-VSC7710 Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WB VITESSE-VSC7710WB Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WC VITESSE-VSC7710WC Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710WD VITESSE-VSC7710WD Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
VSC7710X VITESSE-VSC7710X Datasheet
174Kb / 14P
Photodetector Transimpedance Amplifier Family for Optical Communication
More results


Similar Description - VSC7773

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3793 MAXIM-MAX3793 Datasheet
693Kb / 11P
1Gbps to 4.25Gbps Multirate Transimpedance Amplifier with Photocurrent Monitor
Rev 0; 10/04
logo
Texas Instruments
ONET9901TA TI-ONET9901TA Datasheet
417Kb / 13P
10.7-GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
Zarlink Semiconductor I...
ZL60015 ZARLINK-ZL60015 Datasheet
299Kb / 7P
Optical Receiver. 1310/1550 nm, 2.5 Gbps PIN Pre-amp with Photocurrent Monitor
logo
Vitesse Semiconductor C...
VSC7975 VITESSE-VSC7975 Datasheet
449Kb / 2P
1/2/4 Gbps Multirate Transimpedance Amplifier
VSC7979 VITESSE-VSC7979 Datasheet
97Kb / 2P
11.3 Gb/s Transimpedance Amplifiers with Photocurrent Monitor and Input Slicing Adjust
logo
Texas Instruments
ONET2511TA TI1-ONET2511TA Datasheet
455Kb / 12P
2.5 GBPS TRANSIMPEDANCE AMPLIFIER WITH RSSI
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
2.5 Gbps Transimpedance Amplifier with AGC
02016-BRF-001-A MA-COM-02016-BRF-001-A Datasheet
152Kb / 2P
1.25 Gbps Transimpedance Amplifier with AGC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com