Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7981 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC7981 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC7981
Download  VSC7981 Download
File Size   408.94 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family

VSC7981 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC7981 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC7981
Download  VSC7981 Click to download

File Size   408.94 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description Up to 11.3 Gb/s 3.3V: VCSEL, DML, EML Laser/Modulator Driver Family

VSC7981 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC7981 Product details

GENERAL DESCRIPTION:

The VSC7980, VSC7981 and VSC7982 are low power 10Gb/s laser and modulator drivers for both Telecommunications and Data Communications.



FEATURES:

+3.3V Power Supply for Low Power

Duty Cycle, Output Modulation and Output Bias Level Controls

VSC7980: 200mW Typical Power Dissipation Including 50ΩLoad

VSC7981: 800mW Typical Power Dissipation Including 25ΩLoad

VSC7982: 930mW Typical Power Dissipation Including 50ΩLoad

Sourcing and Sinking Bias Current Outputs

50ohm Back-terminated AC-coupled Outputs

Automatic Power Control

Support for Extinction Ratio Control

XFP-Compliant Current Disable and Faults

Built-in support for IEC-60825 Eye Safety

Small package: 5mm x 5mm 32 pin QFP-N



APPLICATIONS:

SONET OC-192 and SDH STM-64 Transmission Systems

GR-253: SR, IR and LR

10 Gigabit Ethernet and 10 Gigabit Fibre Channel

IEEE802.3ae 10GBASE-SR,LR,ER

XFP MSA Transceiver Modules

XENPAK, XPAK, X2 and 300-pin MSA Transponder Modules




Similar Part No. - VSC7981

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7983 VITESSE-VSC7983 Datasheet
1Mb / 2P
11.2 Gb/s Electroabsorption Modulator Driver
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
More results


Similar Description - VSC7981

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
11.3-GBPS DIFFERENTIAL VCSEL DRIVER
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
12x10 Gb/s VCSEL Driver
logo
Vitesse Semiconductor C...
VSC7984 VITESSE-VSC7984 Datasheet
1Mb / 2P
11.3 Gb/s Electroabsorption Modulator Driver
VSC7992 VITESSE-VSC7992 Datasheet
459Kb / 2P
10.7 Gb/s RZ or NRZ Laser Modulator Driver
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
11.3 Gbps Modulator Driver
logo
TriQuint Semiconductor
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
11.3 Gbps Differential VCSEL Driver
logo
Integrated Device Techn...
HXT6204 IDT-HXT6204 Datasheet
253Kb / 2P
4 Channel 28 Gb/s VCSEL Driver
HXT6212 IDT-HXT6212 Datasheet
240Kb / 2P
12 Channel 28 Gb/s VCSEL Driver
logo
Qorvo, Inc
TQP5115 QORVO-TQP5115 Datasheet
204Kb / 1P
11.3 Gb/s EML Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com