Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC9292 Datasheet (PDF) - Vitesse Semiconductor Corporation

VSC9292 Datasheet PDF - Vitesse Semiconductor Corporation
Part # VSC9292
Download  VSC9292 Download
File Size   249.71 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O

VSC9292 Datasheet (PDF)

Go To PDF Page Download Datasheet
VSC9292 Datasheet PDF - Vitesse Semiconductor Corporation

Part # VSC9292
Download  VSC9292 Click to download

File Size   249.71 Kbytes
Page   2 Pages
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation
Description 340 Gbps (136 x 136) and 170 Gbps (68 x68) TSI Switches with Dual Rate (2.5G/622M) I/O

VSC9292 Datasheet (HTML) - Vitesse Semiconductor Corporation


VSC9292 Product details

GENERAL DESCRIPTION:

The VSC9295 is a 136 x 136 TSI switch IC supporting TFI-5 (STS-48-like frame) data on every input and output. All data inputs and outputs are differential serial signals running at 2.488 Gbps or 622 Mbps for TDM switching, or 2.488 Gbps, 2.125 Gbps, and 622 Mbps for transparent switching.



FEATURES:

Industry Highest Capacity Single Chip TSI - 340 Gbps

25% Less Power Consumption Over Comparable Solutions

Scalable to 1.36 Tbps

Dual Rate 2.5 G / 622 M Standards Based I/O



APPLICATIONS:

Core/Metro Networks

Core/Metro Transport

DWDM Switches

Central Switch in 170 Gbps to 340 Gbps STS-1 Grooming Fabric

Switch Element for 680 Gbps to 1.36 Tbps STS-1 Grooming Fabric

Bit-slicing Engine for 680 Gbps to 1.36 Tbps STS-1 Grooming Fabric

Ingress/Egress Device for Multi-terabit STS-1 Grooming Clos Fabric




Similar Part No. - VSC9292

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC9210 VITESSE-VSC9210 Datasheet
973Kb / 2P
2.5Gb/s SONET/SDH FEC Encoder and Decoder
VSC9271 VITESSE-VSC9271 Datasheet
494Kb / 2P
10GB/s Multi-Rate Bi-directional FEC Device with Digital Wrapper and Performance Monitor
More results


Similar Description - VSC9292

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1456A GILWAY-155-1456A Datasheet
76Kb / 1P
MR3G-1150-136
logo
Vitesse Semiconductor C...
VSC9191 VITESSE-VSC9191 Datasheet
377Kb / 2P
100 Gbps (40 x 40) SONET/SDH TSI Switch with Dual Rate I/O
logo
Texas Instruments
ONET4291VA TI-ONET4291VA Datasheet
515Kb / 20P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
ONET4291VARGPR TI-ONET4291VARGPR Datasheet
981Kb / 23P
1 GBPS TO 4.25 GBPS MULTI-RATE VCSEL DRIVER
logo
OSA Opto Light GmbH
OLS-136HR OSA-OLS-136HR Datasheet
130Kb / 5P
Series 136 - 1206 - Duplex bicolor
logo
Texas Instruments
ONET4291PARGVR TI-ONET4291PARGVR Datasheet
1Mb / 24P
1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
ONET4291PARGVRG4 TI-ONET4291PARGVRG4 Datasheet
1Mb / 24P
1-Gbps to 4.25-Gbps Rate-Selectable Limiting Amplifier
logo
M/A-COM Technology Solu...
M02139 MA-COM-M02139 Datasheet
365Kb / 18P
1G/10G Gbps TIA with AGC and Rate Select
logo
Pulse A Technitrol Comp...
MHW150BCO PULSE-MHW150BCO Datasheet
399Kb / 3P
VHF 136-220 MHz
NMO27BCO PULSE-NMO27BCO Datasheet
251Kb / 1P
Low/Mid Band 27-136 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com