Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G04GV Datasheet (PDF) - NXP Semiconductors

74HC2G04GV Datasheet PDF - NXP Semiconductors
Part # 74HC2G04GV
Download  74HC2G04GV Download
File Size   79.26 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual inverter

74HC2G04GV Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC2G04GV Datasheet PDF - NXP Semiconductors

Part # 74HC2G04GV
Download  74HC2G04GV Click to download

File Size   79.26 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual inverter

74HC2G04GV Datasheet (HTML) - NXP Semiconductors


74HC2G04GV Product details

General description

The 74HC2G04; 74HCT2G04 is a high-speed Si-gate CMOS device.

The 74HC2G04; 74HCT2G04 provides two inverting buffers.



Features

■ Wide supply voltage range from 2.0 V to 6.0 V

■ Complies with JEDEC standard no. 7A

■ High noise immunity

■ ESD protection:

   ◆ HBM JESD22-A114-D exceeds 2000 V

   ◆ MM JESD22-A115-A exceeds 200 V

■ Low power dissipation

■ Balanced propagation delays

■ Unlimited input rise and fall times

■ Multiple package options

■ Specified from −40 °C to +85 °C and −40 °C to +125 °C



 




Similar Part No. - 74HC2G04GV

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC2G04GV NEXPERIA-74HC2G04GV Datasheet
194Kb / 15P
Dual inverter
logo
TECH PUBLIC Electronics...
74HC2G04GV TECHPUBLIC-74HC2G04GV Datasheet
2Mb / 6P
DUAL INVERTER GATE
logo
Nexperia B.V. All right...
74HC2G04GV,125 NEXPERIA-74HC2G04GV,125 Datasheet
194Kb / 15P
Dual inverter
74HC2G04GV-Q100 NEXPERIA-74HC2G04GV-Q100 Datasheet
201Kb / 15P
Dual inverter
74HC2G04GV.125 NEXPERIA-74HC2G04GV.125 Datasheet
194Kb / 15P
Dual inverter
More results


Similar Description - 74HC2G04GV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
Dual inverter
2004 Sep 21
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
Dual Inverter
March, 2008 - Rev. 2
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
Dual Inverter
March, 2008 - Rev. 0
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
DUAL INVERTER
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04-Q100 NEXPERIA-74HC2G04-Q100 Datasheet
201Kb / 15P
Dual inverter
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
Dual inverter
Rev. 12 - 26 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com