Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-390WM2 Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-390WM2 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-390WM2
Download  SBP-390WM2 Download
File Size   1946.84 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1080p Analog HD 32x PTZ Dome Camera

SBP-390WM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-390WM2 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-390WM2
Download  SBP-390WM2 Click to download

File Size   1946.84 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1080p Analog HD 32x PTZ Dome Camera

SBP-390WM2 Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-390WM2 Product details

• Full HD (1920 x 1080, 30fps) resolution
• 0.2Lux@F1.6, B/W : 0.01Lux@F1.6
• Powerful 32x zoom (4.44 ~ 142.6mm), Digital 16x
• Day & Night (ICR), Defog, WDR (120dB), SSNRIII
• Preset 700°/sec, Azimuth
• IP66 / IK10 (HCP-6320HA), IK10 (HCP-6320A + SHP-3701H only)
• RS-485, Coax control




Similar Part No. - SBP-390WM2

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
2MP Analog Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
2MP Analog IR Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
QHD (4MP) Analog IR Dome Camera
More results


Similar Description - SBP-390WM2

ManufacturerPart #DatasheetDescription
logo
Level One
FCS-1041 LVL1-FCS-1041 Datasheet
615Kb / 4P
PTZ Network Camera
FCS-3054 LVL1-FCS-3054 Datasheet
567Kb / 4P
Fixed Dome Network Camera
FCS-3082 LVL1-FCS-3082 Datasheet
898Kb / 5P
Fixed Dome Network Camera
FCS-3083 LVL1-FCS-3083 Datasheet
1Mb / 5P
Fixed Dome Network Camera
FCS-4041 LVL1-FCS-4041 Datasheet
1Mb / 6P
PTZ Dome Network Camera
FCS-4042 LVL1-FCS-4042 Datasheet
793Kb / 5P
PTZ Dome Network Camera
FCS-4043 LVL1-FCS-4043 Datasheet
884Kb / 5P
PTZ Dome Network Camera
FCS-4044 LVL1-FCS-4044 Datasheet
914Kb / 5P
PTZ Dome Network Camera
FCS-4301 LVL1-FCS-4301 Datasheet
520Kb / 4P
PTZ Dome Network Camera
FCS-4302 LVL1-FCS-4302 Datasheet
396Kb / 4P
PTZ Dome Network Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com