Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBP-390WM2 Datasheet (PDF) - Hanwha Vision Co., Ltd. All rights Reserved.

SBP-390WM2 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.
Part # SBP-390WM2
Download  SBP-390WM2 Download
File Size   1815.9 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1080p Analog HD Vandal-Resistant IR Dome Camera

SBP-390WM2 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBP-390WM2 Datasheet PDF - Hanwha Vision Co., Ltd. All rights Reserved.

Part # SBP-390WM2
Download  SBP-390WM2 Click to download

File Size   1815.9 Kbytes
Page   4 Pages
Manufacturer  HANWHAVISION [Hanwha Vision Co., Ltd. All rights Reserved.]
Direct Link  https://www.hanwhavision.com/en/
Logo HANWHAVISION - Hanwha Vision Co., Ltd. All rights Reserved.
Description 1080p Analog HD Vandal-Resistant IR Dome Camera

SBP-390WM2 Datasheet (HTML) - Hanwha Vision Co., Ltd. All rights Reserved.


SBP-390WM2 Product details

• Full HD resolution
• 0.11 Lux@F1.6 (Color), 0 Lux (B/W : IR LED on)
• 3.2 ~ 10mm (3.1x) motorized V/F lens
• Day & Night (ICR), WDR (120dB)
• SSNRⅣ, Motion detection
• IR viewable length 30m, IP66, IK10
• Transmission distance max.500m
• Easy Installation (Plug & play), Dual power




Similar Part No. - SBP-390WM2

ManufacturerPart #DatasheetDescription
logo
Hanwha Vision Co., Ltd....
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
2MP Analog Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
2MP Analog IR Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
1080p Analog HD IR Dome Camera
SBP-390WM2 HANWHAVISION-SBP-390WM2 Datasheet
1Mb / 4P
QHD (4MP) Analog IR Dome Camera
More results


Similar Description - SBP-390WM2

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
PV8 E-SWITCH-PV8 Datasheet
134Kb / 1P
Vandal and Vandal Resistant, RATING: 2A 36VDC
logo
Elektron Components Ltd...
DX0505 BULGIN-DX0505 Datasheet
70Kb / 1P
Vandal Resistant LED Indicators
DX0507 BULGIN-DX0507 Datasheet
75Kb / 1P
Vandal Resistant LED Indicators
MPI001 BULGIN-MPI001 Datasheet
77Kb / 1P
Stainless Steel Illuminated Vandal Resistant
logo
E-SWITCH
PV2 E-SWITCH-PV2 Datasheet
169Kb / 1P
VANDAL RESISTANT
logo
List of Unclassifed Man...
TANGO-20A ETC2-TANGO-20A Datasheet
990Kb / 3P
Vandal resistant
logo
Taoglas antenna solutio...
G20.B.305111.WMC TAOGLAS-G20.B.305111.WMC Datasheet
1Mb / 15P
Covert and Vandal Resistant
logo
List of Unclassifed Man...
IPC-D112-PF28 ETC1-IPC-D112-PF28 Datasheet
563Kb / 3P
2MP Vandal-resistant Network IR Fixed Dome Camera
logo
Honeywell Solid State E...
H4W2PER2V HONEYWELL-H4W2PER2V Datasheet
562Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
H4W2PER3V HONEYWELL-H4W2PER3V Datasheet
561Kb / 2P
Network WDR 2MP IR Rugged Mini Dome Camera
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com