Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX84C Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

BZX84C Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # BZX84C
Download  BZX84C Download
File Size   2494.55 Kbytes
Page   4 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description 0.30W SILICON PLANAR ZENER DIODES

BZX84C Datasheet (PDF)

Go To PDF Page Download Datasheet
BZX84C Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # BZX84C
Download  BZX84C Click to download

File Size   2494.55 Kbytes
Page   4 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description 0.30W SILICON PLANAR ZENER DIODES

BZX84C Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


BZX84C Product details

FEATURES
Zener breakdown voltage range 2.4V to 75V
Package designed for optimal automated board assembly
Small package size for high density applications
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2002/95/EC




Similar Part No. - BZX84C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C RECTRON-BZX84C Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
BZX84C JGD-BZX84C Datasheet
100Kb / 1P
SURFACE MOUNT ZENER DIODES/SOT-23
logo
Fairchild Semiconductor
BZX84C FAIRCHILD-BZX84C Datasheet
197Kb / 6P
Series Zeners
logo
Shanghai Lunsure Electr...
BZX84C CHENYI-BZX84C Datasheet
22Kb / 1P
SURFACE MOUNT ZENER DIODES
logo
Continental Device Indi...
BZX84C CDIL-BZX84C Datasheet
111Kb / 4P
SILIICON PLANAR VOLTAGE REGULATOR DIODE
More results


Similar Description - BZX84C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
ZMM1 HTSEMI-ZMM1 Datasheet
1Mb / 8P
SILICON PLANAR ZENER DIODES
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com