Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XPS-2110WG Datasheet (PDF) - Optoway Technology Inc

XPS-2110WG Datasheet PDF - Optoway Technology Inc
Part # XPS-2110WG
Download  XPS-2110WG Download
File Size   232.27 Kbytes
Page   8 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC

XPS-2110WG Datasheet (PDF)

Go To PDF Page Download Datasheet
XPS-2110WG Datasheet PDF - Optoway Technology Inc

Part # XPS-2110WG
Download  XPS-2110WG Click to download

File Size   232.27 Kbytes
Page   8 Pages
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc
Description 10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC

XPS-2110WG Datasheet (HTML) - Optoway Technology Inc


XPS-2110WG Product details

DESCRIPTION
XPS-2110WG series transceiver is designed for single-mode fibre serial optical data communications such as 10G Ethernet 10GBASE-LR/LW and 10G Fibre Channel 1200-SM-LL-L.

FEATURES
● Support 9.95 Gbps to 10.5 Gbps
● Complaint with XFP MSA
● Compliant to IEEE 802.3ae 10GBASE-LR/LW
● Compliant to 10GFC 1200-SM-LL-L
● Compliant with XFI 10G Serial Electrical Interface
● Maximum Link Length of 10 km
● Uncooled 1310 nm DFB LD
● 2-Wire Interface for Integrated Digital Diagnostic Monitoring
● XFI Loopback Mode
● No reference Clock required
● Only Required +3.3 V Power Supply
● Power Consumption < 2 W
● RoHS Compliant
● -5 to 70°C Operating : XPS-2110WG
● -10 to 85°C Operating : XPS-2110BWG
● -40 to 85°C Operating : XPS-2110AWG
● Duplex LC Connector

APPLICATIONS
● 10GBASE-LR at 10.3125 Gb/s
● 10GBASE-LW at 9.953 Gb/s
● 10GFC at 10.51875 Gb/s




Similar Part No. - XPS-2110WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2110WG OPTOWAY-XPS-2110WG Datasheet
236Kb / 9P
10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2110WG OPTOWAY-XPS-2110WG_07 Datasheet
236Kb / 9P
10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
More results


Similar Description - XPS-2110WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPM-2100WG OPTOWAY-XPM-2100WG Datasheet
234Kb / 8P
10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
XPM-2101WG OPTOWAY-XPM-2101WG Datasheet
293Kb / 9P
10Gb/s 1310 nm XFP Extended Multi-Mode Optical Transceiver for 10GbE-LRM Applications
XPM-2100WG OPTOWAY-XPM-2100WG_10 Datasheet
239Kb / 9P
10Gb/s 850 nm XFP Multi-Mode Optical Transceiver for 10GbE / 10GFC Applications
XPM-2101WG OPTOWAY-XPM-2101WG_10 Datasheet
238Kb / 9P
10Gb/s 1310 nm XFP Extended Multi-Mode Optical Transceiver for 10GbE-LRM Applications
XPS-2110WG OPTOWAY-XPS-2110WG_07 Datasheet
236Kb / 9P
10Gb/s 10km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2120WG OPTOWAY-XPS-2120WG Datasheet
292Kb / 9P
10Gb/s 20 km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
XPS-2140WG OPTOWAY-XPS-2140WG Datasheet
293Kb / 9P
10Gb/s 40km 1310 nm XFP Single-Mode Optical Transceiver for 10GbE / 10GFC
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-721XPDZ AVAGO-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-721XPD AVAGO-HFCT-721XPD Datasheet
447Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
Broadcom Corporation.
AFCT-721XPDZ BOARDCOM-AFCT-721XPDZ Datasheet
521Kb / 14P
10GbE/10GFC 1310 nm XFP 10 Gbit/s Optical Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com