Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS545LF Datasheet (PDF) - SAMYANG ELECTRONICS CO.,LTD.

SS545LF Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.
Part # SS545LF
Download  SS545LF Download
File Size   863.93 Kbytes
Page   3 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description LOW VF SCHOTTKY BARRIER RECTIFIER

SS545LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SS545LF Datasheet PDF - SAMYANG ELECTRONICS CO.,LTD.

Part # SS545LF
Download  SS545LF Click to download

File Size   863.93 Kbytes
Page   3 Pages
Manufacturer  SAMYANG [SAMYANG ELECTRONICS CO.,LTD.]
Direct Link  www.diode.co.kr
Logo SAMYANG - SAMYANG ELECTRONICS CO.,LTD.
Description LOW VF SCHOTTKY BARRIER RECTIFIER

SS545LF Datasheet (HTML) - SAMYANG ELECTRONICS CO.,LTD.


SS545LF Product details

FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Very low profile - typical height of 1.0 mm
Ideal for automated placement
Low power loss ,high efficiency
High current capability ,low forward voltage drop
High surge capability
High temperature soldering guaranteed:260℃/10 seconds at terminals
Component in accordance to RoHS 2011/65/EU




Similar Part No. - SS545LF

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
SS545LF GXELECTRONICS-SS545LF Datasheet
713Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Guangdong Juxing Electr...
SS545LF JUXING-SS545LF Datasheet
1Mb / 3P
Surface Mount Low VF Schottky Rectifiers
logo
Bytesonic Electronics C...
SS545LF BYTESONIC-SS545LF Datasheet
193Kb / 2P
Surface Mount Schottky Barrier Rectifier
2017/3/27
More results


Similar Description - SS545LF

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
20SQ045L JINANJINGHENG-20SQ045L Datasheet
71Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
S545U JINANJINGHENG-S545U Datasheet
70Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP5U100 JINANJINGHENG-SP5U100 Datasheet
60Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SP20U50L JINANJINGHENG-SP20U50L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR160L JINANJINGHENG-SR160L Datasheet
63Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR240SL JINANJINGHENG-SR240SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260L JINANJINGHENG-SR260L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR260SL JINANJINGHENG-SR260SL Datasheet
61Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR360L JINANJINGHENG-SR360L Datasheet
62Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
SR540LA JINANJINGHENG-SR540LA Datasheet
66Kb / 3P
LOW VF SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com