Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGD1044H Datasheet (PDF) - NXP Semiconductors

CGD1044H Datasheet PDF - NXP Semiconductors
Part # CGD1044H
Download  CGD1044H Download
File Size   51.63 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1 GHz, 25 dB gain high output power doubler

CGD1044H Datasheet (PDF)

Go To PDF Page Download Datasheet
CGD1044H Datasheet PDF - NXP Semiconductors

Part # CGD1044H
Download  CGD1044H Click to download

File Size   51.63 Kbytes
Page   7 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 1 GHz, 25 dB gain high output power doubler

CGD1044H Datasheet (HTML) - NXP Semiconductors


CGD1044H Product details

General description

Hybrid amplifier module in a SOT115J package, operating at a supply voltage of 24 V (DC), employing Hetero junction Field Effect Transistor (HFET) GaAs dies.



Features and benefits

 High output power capability

 Excellent linearity

 Extremely low noise

 Excellent return loss properties

 Rugged construction

 Unconditionally stable

 Thermal optimized design



Applications

 CATV systems operating in the 40 MHz to 1000 MHz frequency range



 




Similar Part No. - CGD1044H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1044H NXP-CGD1044H Datasheet
300Kb / 7P
1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
CGD1044HI NXP-CGD1044HI Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
More results


Similar Description - CGD1044H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H Datasheet
51Kb / 7P
1 GHz, 23 dB gain high output power doubler
Rev. 01 - 9 October 2007
CGD1040HI NXP-CGD1040HI Datasheet
58Kb / 7P
1 GHz, 20 dB gain GaAs high output power doubler
Rev. 01-22 September 2009
CGD1042HI NXP-CGD1042HI Datasheet
58Kb / 7P
1 GHz, 22 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
logo
ANADIGICS, Inc
ACA2786 ANADIGICS-ACA2786 Datasheet
507Kb / 3P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
Rev 0.0
logo
NXP Semiconductors
CGD1042H NXP-CGD1042H_09 Datasheet
300Kb / 7P
1 GHz, 23 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044H NXP-CGD1044H_09 Datasheet
300Kb / 7P
1 GHz, 25 dB gain high output power doubler
Rev. 02-16 November 2009
CGD1044HI NXP-CGD1044HI Datasheet
59Kb / 7P
1 GHz, 25 dB gain GaAs high output power doubler
Rev. 01-21 September 2009
logo
Quanzhou Jinmei Electro...
CGD1042H_2015 JMNIC-CGD1042H_2015 Datasheet
58Kb / 7P
1 GHz, 23 dB gain high output power doubler
CGD1044H_2015 JMNIC-CGD1044H_2015 Datasheet
58Kb / 7P
1 GHz, 25 dB gain high output power doubler
logo
Skyworks Solutions Inc.
ACA2786 SKYWORKS-ACA2786 Datasheet
487Kb / 6P
1 GHz, 25 dB Gain CATV Power Doubler Amplifier
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com