Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT1670 Datasheet (PDF) - Solid State Inc

SDT1670 Datasheet PDF - Solid State Inc
Part # SDT1670
Download  SDT1670 Download
File Size   419.39 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Ultra miniature 16 pin SSOP package

SDT1670 Datasheet (PDF)

Go To PDF Page Download Datasheet
SDT1670 Datasheet PDF - Solid State Inc

Part # SDT1670
Download  SDT1670 Click to download

File Size   419.39 Kbytes
Page   8 Pages
Manufacturer  SOLIDSTATE [Solid State Inc]
Direct Link  https://www.solidstateinc.com/
Logo SOLIDSTATE - Solid State Inc
Description Ultra miniature 16 pin SSOP package

SDT1670 Datasheet (HTML) - Solid State Inc


SDT1670 Product details

Features
 Ultra miniature 16 pin SSOP package
 Low input power consumption
 High stability
 CTR Range 50 – 600%
 High Isolation Voltage (3750VRMS)
 Long Life / High Reliability
 RoHS / Pb-Free / REACH Compliant

Applications
 Office Automation Equipment
 System Appliances, Measuring Instruments
 Computer Terminals, PLCs
 Telecom / Datacom
 Home Appliances
 Digital Logic Inputs
 Fax / Modems
 Power Supplies




Similar Part No. - SDT1670

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT1670 SSOUSA-SDT1670 Datasheet
402Kb / 8P
Quad Photo-Transistor Optocoupler
More results


Similar Description - SDT1670

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSOP-16 ETC-SSOP-16 Datasheet
88Kb / 1P
16-Lead SSOP Plastic Package
logo
Everlight Electronics C...
EL3H7-G EVERLIGHT-EL3H7-G Datasheet
453Kb / 12P
4 PIN ULTRA SMALL SSOP
logo
Solid State Optronic
SAT470 SSOUSA-SAT470 Datasheet
339Kb / 8P
Ultra miniature 4 pin SSOP package
TDM3021 SSOUSA-TDM3021 Datasheet
333Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3041 SSOUSA-TDM3041 Datasheet
376Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3043 SSOUSA-TDM3043 Datasheet
385Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3052 SSOUSA-TDM3052 Datasheet
342Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
TDM3082 SSOUSA-TDM3082 Datasheet
386Kb / 8P
Ultra Miniature 4-Pin Small Outline Package
logo
Everlight Electronics C...
ELD3H7 EVERLIGHT-ELD3H7 Datasheet
895Kb / 11P
8PIN 16 PIN ULTRA SMALL SSOP PHOTOTRANSISTOR PHOTOCOUPLER
ELQ3H4 EVERLIGHT-ELQ3H4 Datasheet
1Mb / 11P
16 PIN ULTRA SMALL SSOP AC INPUT PHOTOTRANSISTOR PHOTOCOUPLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com