Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

40EPF06PBF Datasheet (PDF) - International Rectifier

40EPF06PBF Datasheet PDF - International Rectifier
Part # 40EPF06PBF
Download  40EPF06PBF Download
File Size   165.52 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free

40EPF06PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
40EPF06PBF Datasheet PDF - International Rectifier

Part # 40EPF06PBF
Download  40EPF06PBF Click to download

File Size   165.52 Kbytes
Page   8 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free

40EPF06PBF Datasheet (HTML) - International Rectifier


40EPF06PBF Product details

VF < 1V @ 10A

trr = 60ns

VRRM = 600V



Description/ Features

The 40EPF06PbF fast soft recovery QUIETIR rectifier series has been optimized for combined short reverse recovery time and low forward voltage drop. The glass passivation ensures stable reliable operation in the most severe temperature and power cycling conditions.



Typical applications are both:

output rectification and freewheeling in inverters, choppers and converters

and input rectifications where severe restrictions on conducted EMI should be met.




Similar Part No. - 40EPF06PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
40EPF06PBF VISHAY-40EPF06PBF Datasheet
204Kb / 7P
Fast Soft Recovery Rectifier Diode, 40 A
04-Dec-09
More results


Similar Description - 40EPF06PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
20ETF02 IRF-20ETF02 Datasheet
196Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
80EPF10 IRF-80EPF10 Datasheet
175Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
20ETF12SPBF IRF-20ETF12SPBF Datasheet
233Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free (PbF suffix)
10ETF06PBF IRF-10ETF06PBF Datasheet
241Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
10ETF10FP IRF-10ETF10FP Datasheet
179Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF06SPBF IRF-10ETF06SPBF Datasheet
229Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
30EPF06PBF IRF-30EPF06PBF Datasheet
212Kb / 8P
FAST SOFT RECOVERY RECTIFIER DIODE
10ETF12FPPBF IRF-10ETF12FPPBF Datasheet
207Kb / 7P
FAST SOFT RECOVERY RECTIFIER DIODE Lead-Free
logo
Inchange Semiconductor ...
10ETF02S ISC-10ETF02S Datasheet
265Kb / 2P
Fast Soft Recovery Rectifier Diode
10ETF12 ISC-10ETF12 Datasheet
263Kb / 2P
Fast Soft Recovery Rectifier Diode
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com