Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8051C40 Datasheet (PDF) - SyncMOS Technologies,Inc

SM8051C40 Datasheet PDF - SyncMOS Technologies,Inc
Part # SM8051C40
Download  SM8051C40 Download
File Size   423.42 Kbytes
Page   16 Pages
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc
Description 8 - Bit Micro-controller with 4/8KB ROM embedded

SM8051C40 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM8051C40 Datasheet PDF - SyncMOS Technologies,Inc

Part # SM8051C40
Download  SM8051C40 Click to download

File Size   423.42 Kbytes
Page   16 Pages
Manufacturer  SYNCMOS [SyncMOS Technologies,Inc]
Direct Link  http://www.syncmos.com.tw
Logo SYNCMOS - SyncMOS Technologies,Inc
Description 8 - Bit Micro-controller with 4/8KB ROM embedded

SM8051C40 Datasheet (HTML) - SyncMOS Technologies,Inc


SM8051C40 Product details

Description
The SM8051/8052 series product is an 8 - bit single chip micro controller with 4/8 KB ROM embedded. It provides hardware features and a powerful instruction set, necessary to make it a versatile and cost effective controller for those applications demand up to 32 I/O pins or need up to 4/8 KB ROM memory either for program or for data or mixed.

Features
■ Working voltage: 3.0V ~ 3.6V For L Version
                               4.5V ~ 5.5V For C Version
■ General 8051/8052 family compatible
■ 12 clocks per machine cycle
■ 4/8 KB internal ROM memory
■ 128/256 bytes data RAM
■ 2/3 16 bit timers/counters
■ Four 8-bit I/O ports
■ Full duplex serial channel
■ Bit operation instruction
■ Page free jumps
■ 8-bit unsigned division
■ 8-bit unsigned multiply
■ BCD arithmetic
■ Direct addressing
■ Indirect addressing
■ Nested interrupt
■ Two priority level interrupt
■ A serial I/O port
■ Power save modes: Idle mode and power down mode
■ Code protection function
■ One watch dog timer (WDT)
■ Low EMI (inhibit ALE)




Similar Part No. - SM8051C40

ManufacturerPart #DatasheetDescription
logo
ifm electronic Ltd.
SM8050 IFM-SM8050 Datasheet
294Kb / 4P
Magnetic-inductive flow meter
More results


Similar Description - SM8051C40

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
APU8051 APLUS-APU8051 Datasheet
840Kb / 15P
8-BIT MICRO CONTROLLER WITH 4/8KB ROM EMVEDDED
APU8951 APLUS-APU8951 Datasheet
544Kb / 15P
8-BIT MICRO CONTROLLER WITH 4/8KB FLASH EMBEDDED
logo
SyncMOS Technologies,In...
SM8958 SYNCMOS-SM8958 Datasheet
445Kb / 19P
8-bit Micro-controller with 32K Flash embedded
SM8951A SYNCMOS-SM8951A Datasheet
393Kb / 17P
8 - Bit Micro-controller with 4/8KB flash embedded
logo
List of Unclassifed Man...
JA58560 ETC-JA58560 Datasheet
225Kb / 16P
Mask-ROM 8-Bit CMOS Micro-controller
logo
SyncMOS Technologies,In...
SM8958A SYNCMOS-SM8958A Datasheet
509Kb / 25P
8 - Bit Micro-controller with 32KB flash & 1KB RAM embedded
SM79108 SYNCMOS-SM79108 Datasheet
590Kb / 26P
8-Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM8951A SYNCMOS-SM8951A_06 Datasheet
813Kb / 16P
8-Bits Micro-controller With 4/8KB flash embedded
SM79108 SYNCMOS-SM79108_06 Datasheet
493Kb / 25P
8 - Bit Micro-controller with 8KB flash & 256 Bytes RAM embedded
SM894051 SYNCMOS-SM894051 Datasheet
493Kb / 15P
8-Bits Micro-controller With 4KB Flash ROM embedded
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com