Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0313086 Datasheet (PDF) - PHOENIX CONTACT

0313086 Datasheet PDF - PHOENIX CONTACT
Part # 0313086
Download  0313086 Download
File Size   312.81 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UGSK/S GN GS - Slide-type terminal block

0313086 Datasheet (PDF)

Go To PDF Page Download Datasheet
0313086 Datasheet PDF - PHOENIX CONTACT

Part # 0313086
Download  0313086 Click to download

File Size   312.81 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UGSK/S GN GS - Slide-type terminal block

0313086 Datasheet (HTML) - PHOENIX CONTACT


0313086 Product details

Slide-type terminal block, with slide, nom. voltage: 500 V, nominal current: 41 A, number of
connections: 2, connection method: Screw connection, 1 level, Rated cross section: 6 mm2,
cross section: 0.5 mm2 - 10 mm2, mounting type: NS 35/7,5, NS 35/15, NS 32, color: green




Similar Part No. - 0313086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0313085 PHOENIX-0313085 Datasheet
156Kb / 12P
Component terminal block - UGSK/S GS - 0313085
More results


Similar Description - 0313086

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0305080 PHOENIX-0305080 Datasheet
157Kb / 12P
Component terminal block - UGSK/S - 0305080
0313085 PHOENIX-0313085 Datasheet
156Kb / 12P
Component terminal block - UGSK/S GS - 0313085
3026285 PHOENIX-3026285 Datasheet
118Kb / 8P
Test disconnect terminal block - UGSK 6
3208160 PHOENIX-3208160 Datasheet
85Kb / 5P
Feed-through terminal block - PT 1,5/S-TWIN GN
3214666 PHOENIX-3214666 Datasheet
136Kb / 12P
Component terminal block - PTTBS 1,5/S/U-OG/O-GN
3244436 PHOENIX-3244436 Datasheet
81Kb / 5P
Sensor/actuator terminal block - PTIO 1,5/S/3-LED 24 GN
3244520 PHOENIX-3244520 Datasheet
60Kb / 4P
Sensor/actuator terminal block - PTIO 1,5/S/4-LED 24 GN
1706640 PHOENIX-1706640 Datasheet
100Kb / 4P
PCB terminal block - BC-500X10- 4 GN
1082391 PHOENIX-1082391 Datasheet
244Kb / 8P
Distribution block - PTFIX 6X10/S GN
3208129 PHOENIX-3208129 Datasheet
573Kb / 25P
Feed-through terminal block - PT 1,5/S GN
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com