Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0444035 Datasheet (PDF) - PHOENIX CONTACT

0444035 Datasheet PDF - PHOENIX CONTACT
Part # 0444035
Download  0444035 Download
File Size   206.23 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USLKG 35-IB - Ground terminal

0444035 Datasheet (PDF)

Go To PDF Page Download Datasheet
0444035 Datasheet PDF - PHOENIX CONTACT

Part # 0444035
Download  0444035 Click to download

File Size   206.23 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description USLKG 35-IB - Ground terminal

0444035 Datasheet (HTML) - PHOENIX CONTACT


0444035 Product details

Ground terminal, Use an NS 32... or NS 35... copper DIN rail for connection cross sections of 35
mm2/2 AWG. Use an NS 32... copper DIN rail for connection cross sections > 35 mm2/2 AWG.
When aligning with a feed-through terminal block of the same shape, a cover must be used for
insulation voltages > 690 V., with Allen screws, number of connections: 2, number of positions:
1, connection method: Screw connection, Rated cross section: 35 mm2, cross section: 0.75 mm2
- 50 mm2, mounting type: NS 35/7,5, NS 35/15, NS 32, color: green-yellow




Similar Part No. - 0444035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0444019 PHOENIX-0444019 Datasheet
82Kb / 6P
Ground modular terminal block, Connection method: Screw connection, Cross section
0444048 PHOENIX-0444048 Datasheet
68Kb / 5P
Ground modular terminal block, Connection method: Screw connection, Cross section
logo
Weidmuller
0444060000 WEIDMULLER-0444060000 Datasheet
1Mb / 52P
SAK-series
More results


Similar Description - 0444035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0441504 PHOENIX-0441504 Datasheet
86Kb / 7P
Ground modular terminal block - USLKG 5
0443010 PHOENIX-0443010 Datasheet
75Kb / 6P
Ground modular terminal block - USLKG 16
0443036 PHOENIX-0443036 Datasheet
66Kb / 5P
Ground modular terminal block - USLKG 16N-1
0443081 PHOENIX-0443081 Datasheet
67Kb / 5P
Ground modular terminal block - USLKG 2,5 N-1
0448015 PHOENIX-0448015 Datasheet
61Kb / 4P
Ground modular terminal block - USLKG 16-1
3000611 PHOENIX-3000611 Datasheet
71Kb / 5P
Ground modular terminal block - USLKG 3 N
3008009 PHOENIX-3008009 Datasheet
178Kb / 16P
Feed-through terminal block - UK 35-IB
3047727 PHOENIX-3047727 Datasheet
70Kb / 5P
Feed-through terminal block - UT 35 IB
3048195 PHOENIX-3048195 Datasheet
88Kb / 7P
Ground modular terminal block - USLKG 95 B
3005853 PHOENIX-3005853 Datasheet
153Kb / 12P
Ground modular terminal block - USLKG 1,5 N
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com