Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA58631 Datasheet (PDF) - NXP Semiconductors

SA58631 Datasheet PDF - NXP Semiconductors
Part # SA58631
Download  SA58631 Download
File Size   130.38 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3 W BTL audio amplifier

SA58631 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA58631 Datasheet PDF - NXP Semiconductors

Part # SA58631
Download  SA58631 Click to download

File Size   130.38 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 3 W BTL audio amplifier

SA58631 Datasheet (HTML) - NXP Semiconductors


SA58631 Product details

General description

The SA58631 is a one channel audio amplifier in an HVSON8 package. It provides power output of 3 W with an 8Ωload at 9 V supply. The internal circuit is comprised of a BTL (Bridge Tied Load) amplifier with a complementary PNP-NPN output stage and standby/mute logic. The SA58631 is housed in an 8-pin HVSON package which has an exposed die attach paddle enabling reduced thermal resistance and increased power

dissipation.



Features

Low junction-to-ambient thermal resistance using exposed die attach paddle

Gain can be fixed with external resistors from 6 dB to 30 dB

Standby mode controlled by CMOS-compatible levels

Low standby current < 10µA

No switch-on/switch-off plops

High power supply ripple rejection: 50 dB minimum

ElectroStatic Discharge (ESD) protection

Output short circuit to ground protection

Thermal shutdown protection



Applications

Professional and amateur mobile radio

Portable consumer products: toys and games

Personal computer remote speakers




Similar Part No. - SA58631

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631TK PHILIPS-SA58631TK Datasheet
373Kb / 19P
3 W BTL audio amplifier
Rev. 01-1 December 2005
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
More results


Similar Description - SA58631

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
3 W mono BTL audio output amplifier
May 1992
TDA8541 PHILIPS-TDA8541 Datasheet
190Kb / 20P
1 W BTL audio amplifier
1998 Apr 01
TDA8543 PHILIPS-TDA8543 Datasheet
201Kb / 20P
2 W BTL audio amplifier
1997 Jun 12
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631 Datasheet
373Kb / 19P
3 W BTL audio amplifier
Rev. 01-1 December 2005
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
3 W Mono BTL Audio Output Amplifier
logo
Unisonic Technologies
PA7522 UTC-PA7522 Datasheet
210Kb / 8P
DUAL 3-W BTL AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
SA58631 PHILIPS-SA58631_15 Datasheet
138Kb / 21P
3 W BTL audio amplifier
Rev. 02-12 October 2007
TDA8541 PHILIPS-TDA8541_15 Datasheet
194Kb / 18P
1 W BTL audio amplifier
1998 Apr 01
logo
Unisonic Technologies
PA7522 UTC-PA7522_15 Datasheet
210Kb / 8P
DUAL 3-W BTL AUDIO POWER AMPLIFIER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com