Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2701574 Datasheet (PDF) - PHOENIX CONTACT

2701574 Datasheet PDF - PHOENIX CONTACT
Part # 2701574
Download  2701574 Download
File Size   194.79 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GE 10/2-BA BU - Device terminal block

2701574 Datasheet (PDF)

Go To PDF Page Download Datasheet
2701574 Datasheet PDF - PHOENIX CONTACT

Part # 2701574
Download  2701574 Click to download

File Size   194.79 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GE 10/2-BA BU - Device terminal block

2701574 Datasheet (HTML) - PHOENIX CONTACT


2701574 Product details

Device terminal block, nom. voltage: 1000 V, nominal current: 57 A, number of connections: 4,
number of positions: 1, connection method: Screw connection, Rated cross section: 10 mm2,
cross section: 0.5 mm2 - 16 mm2, mounting type: direct screw connection, color: blue




Similar Part No. - 2701574

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701570 PHOENIX-2701570 Datasheet
53Kb / 4P
Device terminal block - GE 35/2-B BU
2701573 PHOENIX-2701573 Datasheet
55Kb / 4P
Device terminal block - GE 10/2-B BU
More results


Similar Description - 2701574

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1402092 PHOENIX-1402092 Datasheet
71Kb / 6P
Feed-through terminal block - MBK 10 BU
3038228 PHOENIX-3038228 Datasheet
92Kb / 8P
Installation level terminal block - STI 10 BU
3212123 PHOENIX-3212123 Datasheet
101Kb / 7P
Feed-through terminal block - PT 10 BU
1721485 PHOENIX-1721485 Datasheet
68Kb / 5P
PCB terminal block - MKKDSH 3/ 2 BU
2701569 PHOENIX-2701569 Datasheet
65Kb / 5P
Device terminal block - GE 35/2-B
2701570 PHOENIX-2701570 Datasheet
53Kb / 4P
Device terminal block - GE 35/2-B BU
2701573 PHOENIX-2701573 Datasheet
55Kb / 4P
Device terminal block - GE 10/2-B BU
3071049 PHOENIX-3071049 Datasheet
75Kb / 6P
Device terminal block - GE 10/2
3071065 PHOENIX-3071065 Datasheet
52Kb / 4P
Device terminal block - GE 35/2
3071082 PHOENIX-3071082 Datasheet
52Kb / 4P
Device terminal block - GE 35/1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com