Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3031307 Datasheet (PDF) - PHOENIX CONTACT

3031307 Datasheet PDF - PHOENIX CONTACT
Part # 3031307
Download  3031307 Download
File Size   273.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 2,5-QUATTRO-D-OG - Feed-through terminal block

3031307 Datasheet (PDF)

Go To PDF Page Download Datasheet
3031307 Datasheet PDF - PHOENIX CONTACT

Part # 3031307
Download  3031307 Click to download

File Size   273.66 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 2,5-QUATTRO-D-OG - Feed-through terminal block

3031307 Datasheet (HTML) - PHOENIX CONTACT


3031307 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 24 A, number of
connections: 4, connection method: Spring-cage connection, Rated cross section: 2.5 mm2,
cross section: 0.08 mm2 - 4 mm2, mounting type: NS 35/7,5, NS 35/15, color: orange




Similar Part No. - 3031307

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3031306 PHOENIX-3031306 Datasheet
178Kb / 5P
ST 2,5-QUATTRO
3031308 PHOENIX-3031308 Datasheet
220Kb / 6P
ST 2,5-QUATTRO-PE-D-OG - Ground terminal
More results


Similar Description - 3031307

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3037452 PHOENIX-3037452 Datasheet
216Kb / 19P
Feed-through terminal block - ST 2,5-QUATTRO BK - 3037452
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
Feed-through terminal block - ST 4-QUATTRO OG
3001373 PHOENIX-3001373 Datasheet
86Kb / 5P
Feed-through terminal block - PT 2,5-QUATTRO OG
3034057 PHOENIX-3034057 Datasheet
65Kb / 4P
Feed-through terminal block - DT 2,5-QUATTRO
3037546 PHOENIX-3037546 Datasheet
84Kb / 5P
Feed-through terminal block - STS 4-QUATTRO OG
3037575 PHOENIX-3037575 Datasheet
119Kb / 11P
Feed-through terminal block - STS 2,5-QUATTRO OG
3037436 PHOENIX-3037436 Datasheet
737Kb / 29P
Feed-through terminal block - ST 2,5-QUATTRO YE
1291931 PHOENIX-1291931 Datasheet
883Kb / 28P
Feed-through terminal block - PTV 6-QUATTRO OG
3040669 PHOENIX-3040669 Datasheet
512Kb / 47P
Feed-through terminal block - ST 2,5-QUATTRO/2P BU
09/12/2020
3211993 PHOENIX-3211993 Datasheet
252Kb / 22P
Feed-through terminal block - PTS 2,5-QUATTRO
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com