Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3036150 Datasheet (PDF) - PHOENIX CONTACT

3036150 Datasheet PDF - PHOENIX CONTACT
Part # 3036150
Download  3036150 Download
File Size   262.16 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 16 OG - Feed-through terminal block

3036150 Datasheet (PDF)

Go To PDF Page Download Datasheet
3036150 Datasheet PDF - PHOENIX CONTACT

Part # 3036150
Download  3036150 Click to download

File Size   262.16 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ST 16 OG - Feed-through terminal block

3036150 Datasheet (HTML) - PHOENIX CONTACT


3036150 Product details

Feed-through terminal block, nom. voltage: 1000 V, nominal current: 76 A, number of
connections: 2, connection method: Spring-cage connection, Rated cross section: 16 mm2, cross
section: 0.2 mm2 - 25 mm2, mounting type: NS 35/7,5, NS 35/15, color: orange




Similar Part No. - 3036150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3036152 PHOENIX-3036152 Datasheet
614Kb / 14P
Feed-through terminal block - ST 16 BU
More results


Similar Description - 3036150

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1002940 PHOENIX-1002940 Datasheet
90Kb / 5P
Feed-through terminal block - ST 4-QUATTRO OG
1037086 PHOENIX-1037086 Datasheet
91Kb / 5P
Feed-through terminal block - PTS 2,5 OG
3037258 PHOENIX-3037258 Datasheet
182Kb / 19P
Feed-through terminal block - ST 1,5-TWIN OG
3212144 PHOENIX-3212144 Datasheet
163Kb / 17P
Feed-through terminal block - PT 16 N OG
3036152 PHOENIX-3036152 Datasheet
614Kb / 14P
Feed-through terminal block - ST 16 BU
3037012 PHOENIX-3037012 Datasheet
548Kb / 21P
Feed-through terminal block - ST 1,5 OG
3046281 PHOENIX-3046281 Datasheet
434Kb / 15P
Feed-through terminal block - UT 10 OG
3211758 PHOENIX-3211758 Datasheet
596Kb / 29P
Feed-through terminal block - PT 4 OG
3047468 PHOENIX-3047468 Datasheet
415Kb / 15P
Feed-through terminal block - UT 16 OG
3036111 PHOENIX-3036111 Datasheet
226Kb / 18P
Feed-through terminal block - ST 10 OG
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com