Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3048264 Datasheet (PDF) - PHOENIX CONTACT

3048264 Datasheet PDF - PHOENIX CONTACT
Part # 3048264
Download  3048264 Download
File Size   241.7 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 5 N-FE - Feed-through terminal block

3048264 Datasheet (PDF)

Go To PDF Page Download Datasheet
3048264 Datasheet PDF - PHOENIX CONTACT

Part # 3048264
Download  3048264 Click to download

File Size   241.7 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 5 N-FE - Feed-through terminal block

3048264 Datasheet (HTML) - PHOENIX CONTACT


3048264 Product details

Feed-through terminal block, nom. voltage: 800 V, nominal current: 32 A, number of
connections: 2, connection method: Screw connection, Rated cross section: 4 mm2, cross
section: 0.2 mm2 - 6 mm2, mounting type: NS 35/7,5, NS 35/15, NS 32, color: black/yellow




Similar Part No. - 3048264

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
30482 VICOR-30482 Datasheet
104Kb / 2P
HS CFG A LONG .4H LOW FLOW, THRU HOLE
Rev. 4
logo
PHOENIX CONTACT
3048205 PHOENIX-3048205 Datasheet
43Kb / 2P
Fixed bridge - FB 2-25
3048219 PHOENIX-3048219 Datasheet
217Kb / 17P
Feed-through terminal block - UK 35-FE
09/12/2020
3048250 PHOENIX-3048250 Datasheet
85Kb / 7P
Feed-through terminal block - UK 2,5 N BD:GNYE
3048251 PHOENIX-3048251 Datasheet
231Kb / 6P
UK 2,5 N-FE - Feed-through terminal block
More results


Similar Description - 3048264

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0531210 PHOENIX-0531210 Datasheet
47Kb / 2P
Feed-through modular terminal block - UK 4-EX BKYE-FE
0711344 PHOENIX-0711344 Datasheet
164Kb / 16P
Feed-through modular terminal block - UK 5 N BK
0719207 PHOENIX-0719207 Datasheet
152Kb / 15P
Feed-through modular terminal block - UK 5 N BG
3000562 PHOENIX-3000562 Datasheet
70Kb / 5P
Feed-through terminal block - UK 5-MTD N
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
Feed-through terminal block - UK 5
3007327 PHOENIX-3007327 Datasheet
82Kb / 6P
Feed-through terminal block - UK 5 N WH
3048277 PHOENIX-3048277 Datasheet
89Kb / 6P
Feed-through terminal block - UK 10 N-FE
3048441 PHOENIX-3048441 Datasheet
212Kb / 24P
Feed-through terminal block - UK 5 N CB
3048535 PHOENIX-3048535 Datasheet
75Kb / 5P
Feed-through terminal block - UK 5-TWIN BK
3048219 PHOENIX-3048219 Datasheet
217Kb / 17P
Feed-through terminal block - UK 35-FE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com