Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3059016 Datasheet (PDF) - PHOENIX CONTACT

3059016 Datasheet PDF - PHOENIX CONTACT
Part # 3059016
Download  3059016 Download
File Size   199.22 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 16-PR - Feed-through terminal block

3059016 Datasheet (PDF)

Go To PDF Page Download Datasheet
3059016 Datasheet PDF - PHOENIX CONTACT

Part # 3059016
Download  3059016 Click to download

File Size   199.22 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description UK 16-PR - Feed-through terminal block

3059016 Datasheet (HTML) - PHOENIX CONTACT


3059016 Product details

Feed-through terminal block, with test socket screws on the right, for accommodating test plugs,
nom. voltage: 800 V, nominal current: 76 A, number of connections: 2, connection method:
Screw connection, cross section: 0.5 mm2 - 16 mm2, mounting type: NS 35/7,5, NS 35/15,
NS 32, color: gray




Similar Part No. - 3059016

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
logo
List of Unclassifed Man...
3059 ETC2-3059 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Bourns Electronic Solut...
3059 BOURNS-3059 Datasheet
116Kb / 1P
Trimpot Trimming Potentiometer
logo
KR Electronics, Inc.
3059 KR-3059 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
logo
Bertech.
3059 BERTECH-3059 Datasheet
170Kb / 1P
ESD Vinyl Mats and Mat Kits
More results


Similar Description - 3059016

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0719061 PHOENIX-0719061 Datasheet
102Kb / 7P
Feed-through modular terminal block - UK 1,5N BK
0719168 PHOENIX-0719168 Datasheet
64Kb / 5P
Feed-through terminal block - UK 3 N BK
3002513 PHOENIX-3002513 Datasheet
67Kb / 5P
Feed-through terminal block - UK 3-RETURN
3004016 PHOENIX-3004016 Datasheet
63Kb / 5P
Feed-through terminal block - UK 5
3006098 PHOENIX-3006098 Datasheet
158Kb / 16P
Feed-through terminal block - UK 16 BU
3008009 PHOENIX-3008009 Datasheet
178Kb / 16P
Feed-through terminal block - UK 35-IB
3048072 PHOENIX-3048072 Datasheet
178Kb / 16P
Feed-through terminal block - UK 35-IB BU
3048315 PHOENIX-3048315 Datasheet
74Kb / 6P
Feed-through terminal block - UK 35 BK
3048328 PHOENIX-3048328 Datasheet
188Kb / 18P
Feed-through terminal block - UK 35 RD
3048219 PHOENIX-3048219 Datasheet
217Kb / 17P
Feed-through terminal block - UK 35-FE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com