Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3074119 Datasheet (PDF) - PHOENIX CONTACT

3074119 Datasheet PDF - PHOENIX CONTACT
Part # 3074119
Download  3074119 Download
File Size   720.32 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-WP 31 - Power plug

3074119 Datasheet (PDF)

Go To PDF Page Download Datasheet
3074119 Datasheet PDF - PHOENIX CONTACT

Part # 3074119
Download  3074119 Click to download

File Size   720.32 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FAME-WP 31 - Power plug

3074119 Datasheet (HTML) - PHOENIX CONTACT


3074119 Product details

Power plug, nom. voltage: 400 V, nominal current: 24 A, number of positions: 5, Rated cross
section: 6 mm2, color: gray




Similar Part No. - 3074119

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3074110 PHOENIX-3074110 Datasheet
654Kb / 13P
FAME-TP 41 - Test plug
3074112 PHOENIX-3074112 Datasheet
654Kb / 13P
FAME-TP 81 - Test plug
3074113 PHOENIX-3074113 Datasheet
655Kb / 13P
FAME-TP 121 - Test plug
3074115 PHOENIX-3074115 Datasheet
654Kb / 13P
FAME-TP 51 - Test plug
3074116 PHOENIX-3074116 Datasheet
654Kb / 13P
FAME-TP 91 - Test plug
More results


Similar Description - 3074119

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7464004 WURTH-7464004 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
7464006 WURTH-7464006 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640010 WURTH-74640010 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
74640016 WURTH-74640016 Datasheet
102Kb / 2P
REDCUBE Plug Cable Connector WP-PLUG
logo
PHOENIX CONTACT
2913412 PHOENIX-2913412 Datasheet
91Kb / 2P
WP 06S/701901
2913425 PHOENIX-2913425 Datasheet
90Kb / 2P
WP 10T/701900
1701903 PHOENIX-1701903 Datasheet
73Kb / 4P
Plug - MCVR 1,5/ 3-ST-3,81 BD:1-3
1848274 PHOENIX-1848274 Datasheet
101Kb / 4P
Plug - MC 1,5/ 3-ST-3,81 BD:1-3
11/05/2018
logo
Wurth Elektronik GmbH &...
7464000 WURTH-7464000 Datasheet
174Kb / 2P
REDCUBE Plug Terminal WP-PLUG
001.000
logo
PHOENIX CONTACT
3069921 PHOENIX-3069921 Datasheet
63Kb / 4P
Interruption plug - FIP-3/1 SERVICE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com