Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF909 Datasheet (PDF) - NXP Semiconductors

BF909 Datasheet PDF - NXP Semiconductors
Part # BF909
Download  BF909 Download
File Size   320.32 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel dual gate MOS-FETs

BF909 Datasheet (PDF)

Go To PDF Page Download Datasheet
BF909 Datasheet PDF - NXP Semiconductors

Part # BF909
Download  BF909 Click to download

File Size   320.32 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description N-channel dual gate MOS-FETs

BF909 Datasheet (HTML) - NXP Semiconductors


BF909 Product details

DESCRIPTION
Enhancement type field-effect transistor in a plastic microminiature SOT143 or SOT143R package. The transistor consists of an amplifier MOS-FET with source and substrate interconnected and an internal bias circuit to ensure good cross-modulation performance during AGC.

FEATURES
• Specially designed for use at 5 V supply voltage
• High forward transfer admittance
• Short channel transistor with high forward transfer admittance to input capacitance ratio
• Low noise gain controlled amplifier up to 1 GHz
• Superior cross-modulation performance during AGC.

APPLICATIONS
• VHF and UHF applications with 3 to 7 V supply voltage such as television tuners and professional communications equipment.




Similar Part No. - BF909

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF909 PHILIPS-BF909 Datasheet
148Kb / 11P
N-channel dual gate MOS-FETs
1995 Apr 25
BF909 NXP-BF909 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BF909A NXP-BF909A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BF909AR NXP-BF909AR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BF909AWR NXP-BF909AWR Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results


Similar Description - BF909

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF904 PHILIPS-BF904 Datasheet
111Kb / 16P
N-channel dual gate MOS-FETs
1999 May 17
BF904A PHILIPS-BF904A Datasheet
114Kb / 16P
N-channel dual gate MOS-FETs
1999 May 14
BF904 NXP-BF904 Datasheet
303Kb / 14P
N-channel dual gate MOS-FETs
Rev. 06-13 November 2007
logo
Quanzhou Jinmei Electro...
BF909_2015 JMNIC-BF909_2015 Datasheet
326Kb / 12P
N-channel dual gate MOS-FETs
BF1105_2015 JMNIC-BF1105_2015 Datasheet
125Kb / 16P
N-channel dual-gate MOS-FETs
BF1109_2015 JMNIC-BF1109_2015 Datasheet
120Kb / 16P
N-channel dual-gate MOS-FETs
BF1212_2015 JMNIC-BF1212_2015 Datasheet
136Kb / 15P
N-channel dual-gate MOS-FETs
BF1109 JMNIC-BF1109_15 Datasheet
120Kb / 16P
N-channel dual-gate MOS-FETs
BF1211 JMNIC-BF1211_15 Datasheet
119Kb / 15P
N-channel dual-gate MOS-FETs
logo
NXP Semiconductors
BF1101R-215 NXP-BF1101R-215 Datasheet
399Kb / 15P
N-channel dual-gate MOS-FETs
1999 May 14
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com