Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3076280 Datasheet (PDF) - PHOENIX CONTACT

3076280 Datasheet PDF - PHOENIX CONTACT
Part # 3076280
Download  3076280 Download
File Size   304.37 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RBO 8-3L/N/FE - Bolt connection terminal block

3076280 Datasheet (PDF)

Go To PDF Page Download Datasheet
3076280 Datasheet PDF - PHOENIX CONTACT

Part # 3076280
Download  3076280 Click to download

File Size   304.37 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RBO 8-3L/N/FE - Bolt connection terminal block

3076280 Datasheet (HTML) - PHOENIX CONTACT


3076280 Product details

Bolt connection terminal block, nom. voltage: 1000 V, nominal current: 192 A, number of
connections: 10, number of positions: 5, connection method: Bolt connection, 1 level, Rated
cross section: 70 mm2, mounting type: NS 35/7,5, NS 35/15, direct screw connection, color:
gray/blue/black-yellow




Similar Part No. - 3076280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3076277 PHOENIX-3076277 Datasheet
286Kb / 9P
RBO 16-3L/N - Bolt connection terminal block
More results


Similar Description - 3076280

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3049148 PHOENIX-3049148 Datasheet
81Kb / 5P
Bolt connection terminal block - RT 8 BU
3049864 PHOENIX-3049864 Datasheet
128Kb / 11P
Bolt connection terminal block - RTO 8 BU
3075896 PHOENIX-3075896 Datasheet
75Kb / 6P
Bolt connection terminal block - RBO 6
3075935 PHOENIX-3075935 Datasheet
76Kb / 7P
Bolt connection terminal block - RBO 6-F
3076442 PHOENIX-3076442 Datasheet
127Kb / 11P
High-current terminal block - UKH 70-3L/N/FE
3215008 PHOENIX-3215008 Datasheet
60Kb / 4P
High-current terminal block - PTPOWER 150-3L/N/FE
3076044 PHOENIX-3076044 Datasheet
186Kb / 16P
Bolt connection terminal block - RBO 8-3L-HC
09/12/2020
3058059 PHOENIX-3058059 Datasheet
152Kb / 13P
Bolt connection terminal block - RBO 5
09/12/2020
3213136 PHOENIX-3213136 Datasheet
191Kb / 15P
Bolt connection terminal block - RBO 8 BU
09/12/2020
3244628 PHOENIX-3244628 Datasheet
197Kb / 15P
Bolt connection terminal block - RBO 12-FE
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com