Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3104068 Datasheet (PDF) - PHOENIX CONTACT

3104068 Datasheet PDF - PHOENIX CONTACT
Part # 3104068
Download  3104068 Download
File Size   232.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MTK-P/P M.WEISSEN TRENNMESSERN - Knifedisconnect terminal block

3104068 Datasheet (PDF)

Go To PDF Page Download Datasheet
3104068 Datasheet PDF - PHOENIX CONTACT

Part # 3104068
Download  3104068 Click to download

File Size   232.84 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MTK-P/P M.WEISSEN TRENNMESSERN - Knifedisconnect terminal block

3104068 Datasheet (HTML) - PHOENIX CONTACT


3104068 Product details

Knife-disconnect terminal block, With test socket screws for insertion of test plugs, nom.
voltage: 400 V, nominal current: 16 A, 1 level, connection method: Screw connection, Rated
cross section: 2.5 mm2, cross section: 0.2 mm2 - 4 mm2, mounting: NS 35/7,5, NS 35/15, NS 32,
color: gray




Similar Part No. - 3104068

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
31040 ETC-31040 Datasheet
54Kb / 2P
Sealed Polyester Swabs
logo
PHOENIX CONTACT
3104013 PHOENIX-3104013 Datasheet
127Kb / 6P
MTK-P/P
logo
Spelsberg
31040801 SPELSBERG-31040801 Datasheet
190Kb / 2P
JUNCTION BOX
2015-01-26
logo
PHOENIX CONTACT
3104097 PHOENIX-3104097 Datasheet
145Kb / 13P
Knife disconnect terminal block - MTK-P/P BU
logo
Pro-Signal
31040R PROSIGNAL-31040R Datasheet
29Kb / 1P
Telephone/Modem Line Cords
More results


Similar Description - 3104068

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2800318 PHOENIX-2800318 Datasheet
130Kb / 12P
Feed-through terminal block - UKK 5-MTK-P/P-LA230
3004058 PHOENIX-3004058 Datasheet
145Kb / 13P
Knife disconnect terminal block - UK 5-MTK-P/P BU
3048179 PHOENIX-3048179 Datasheet
144Kb / 13P
Knife disconnect terminal block - MTK-P/P AU
3048182 PHOENIX-3048182 Datasheet
66Kb / 5P
Feed-through terminal block - UDK 4 MTK-P/P AU
3048810 PHOENIX-3048810 Datasheet
70Kb / 4P
Knife disconnect terminal block - UDK 4-MTK-P/P RD
3104097 PHOENIX-3104097 Datasheet
145Kb / 13P
Knife disconnect terminal block - MTK-P/P BU
3104123 PHOENIX-3104123 Datasheet
136Kb / 12P
Knife disconnect terminal block - MTK-P/P MIT SPERRE BU
3074266 PHOENIX-3074266 Datasheet
173Kb / 14P
Knife disconnect terminal block - MTK-P/P GN
09/12/2020
3074279 PHOENIX-3074279 Datasheet
171Kb / 14P
Knife disconnect terminal block - MTK-P/P RD
09/12/2020
3104107 PHOENIX-3104107 Datasheet
166Kb / 13P
Knife disconnect terminal block - MTK-P/P MIT SPERRE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com