Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3206364 Datasheet (PDF) - PHOENIX CONTACT

3206364 Datasheet PDF - PHOENIX CONTACT
Part # 3206364
Download  3206364 Download
File Size   241.51 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QTCS 1,5-TWIN-PE - Ground terminal

3206364 Datasheet (PDF)

Go To PDF Page Download Datasheet
3206364 Datasheet PDF - PHOENIX CONTACT

Part # 3206364
Download  3206364 Click to download

File Size   241.51 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QTCS 1,5-TWIN-PE - Ground terminal

3206364 Datasheet (HTML) - PHOENIX CONTACT


3206364 Product details

Ground terminal, connection method: Quick connection, cross section: 0.25 mm2 - 1.5 mm2,
connection method: Spring-cage connection, cross section: 0.08 mm2 - 4 mm2, mounting:
NS 35/7,5, NS 35/15, color: green-yellow




Similar Part No. - 3206364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3206306 PHOENIX-3206306 Datasheet
54Kb / 3P
End cover - D-QTTCB 1,5/2P
09/12/2020
logo
Tyco Electronics
320634 MACOM-320634 Datasheet
414Kb / 3P
HAND TRAY ASSY FH 0.5BTB CONNECTOR
logo
TE Connectivity Ltd
320634 TEC-320634 Datasheet
5Mb / 12P
PIDG TERMINALS & SPLICES
09/17
logo
PHOENIX CONTACT
3206348 PHOENIX-3206348 Datasheet
1Mb / 3P
Quick Connection Spring Cage Hybrid Terminal Block QTCS
3206380 PHOENIX-3206380 Datasheet
145Kb / 11P
Feed-through terminal block - QTTCBS 1,5-PV
More results


Similar Description - 3206364

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3209565 PHOENIX-3209565 Datasheet
132Kb / 6P
PIT 2,5-TWIN-PE, Ground modular terminal block
3035344 PHOENIX-3035344 Datasheet
84Kb / 5P
Ground modular terminal block - ST 16-TWIN-PE
3050154 PHOENIX-3050154 Datasheet
161Kb / 16P
Feed-through terminal block - QTCS 1,5-PE
3050358 PHOENIX-3050358 Datasheet
166Kb / 16P
Feed-through terminal block - QTCS 2,5-TWIN-PE
3208171 PHOENIX-3208171 Datasheet
169Kb / 17P
Ground modular terminal block - PT 1,5/S-TWIN-PE
3211498 PHOENIX-3211498 Datasheet
187Kb / 15P
Ground modular terminal block - PT 6-TWIN-PE
3213606 PHOENIX-3213606 Datasheet
174Kb / 22P
Ground modular terminal block - PTS 4-TWIN-PE
3214602 PHOENIX-3214602 Datasheet
163Kb / 17P
Ground modular terminal block - PTS 1,5/S-TWIN-PE
3206403 PHOENIX-3206403 Datasheet
54Kb / 3P
End cover - D-QTCS 1,5-TWIN
09/12/2020
3208745 PHOENIX-3208745 Datasheet
267Kb / 23P
Ground modular terminal block - PT 10-TWIN-PE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com