Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E910.01 Datasheet (PDF) - ELMOS Semiconductor AG

E910.01 Datasheet PDF - ELMOS Semiconductor AG
Part # E910.01
Download  E910.01 Download
File Size   122.25 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Low side driver (8 channel, serial interface)

E910.01 Datasheet (PDF)

Go To PDF Page Download Datasheet
E910.01 Datasheet PDF - ELMOS Semiconductor AG

Part # E910.01
Download  E910.01 Click to download

File Size   122.25 Kbytes
Page   1 Pages
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG
Description Low side driver (8 channel, serial interface)

E910.01 Datasheet (HTML) - ELMOS Semiconductor AG


E910.01 Product details

General Description
The IC is developed for automotive applications and can also be used in several other application areas. The IC is well suited to drive relays, lamps, bus systems etc. with medium power consumption.
The device provides a serial data bus for comunication with a µC and 8 identical power drivers. All outputs are short circuit protected. A thermal shut-off protects the device against thermal overload. Readback capability enables fault detection as well as simple switch monitoring.

features
► Supply voltage range VDD 4.5V to 5.5V
► Low standby current (typical < 1µA)
► Serial structure for direct µC interfacing
► Cascadable
► Output status detection
► TTL - compatible input levels with threshold hysteresis
► 8 high current outputs (RON typ. 1.5 Ω / Imax=350mA)
► Wide output operating voltage range (5.5 to 25.5V)
► Output open- and short - circuit detection
► Individual output short - circuit protection
► Clamped output for inductive loads
► Thermal overload protection

Applications
► Relays
► Lamps / LEDs
► DC and stepper motors




Similar Part No. - E910.01

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01_11 Datasheet
668Kb / 17P
Low side dri ver (8 channel , serial inter face )
More results


Similar Description - E910.01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603 TI-TPIC2603 Datasheet
243Kb / 17P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.32 ELMOS-E910.32 Datasheet
133Kb / 1P
Low side driver (8 channel, parallel interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
8 Channel Serial Interface Low-Side Driver
DRV8860 TI-DRV8860_15 Datasheet
1Mb / 40P
DRV8860x 38-V 8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
Quad Serial Interface Low-Side Driver IC
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
8-Channel Serial Interface Low-Side Driver
logo
Monolithic Power System...
MP6606 MPS-MP6606 Datasheet
565Kb / 16P
60V, 8-Channel Low-Side Driver with Serial Interface and Fault Indication
Rev. 1.0 3/11/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com