Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BFG10 Datasheet (PDF) - NXP Semiconductors

BFG10 Datasheet PDF - NXP Semiconductors
Part # BFG10
Download  BFG10 Download
File Size   257.56 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN 2 GHz RF power transistor

BFG10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BFG10 Datasheet PDF - NXP Semiconductors

Part # BFG10
Download  BFG10 Click to download

File Size   257.56 Kbytes
Page   11 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NPN 2 GHz RF power transistor

BFG10 Datasheet (HTML) - NXP Semiconductors


BFG10 Product details

DESCRIPTION
NPN silicon planar epitaxial transistor encapsulated in plastic, 4-pin dual-emitter SOT143 package.

FEATURES
• High power gain
• High efficiency
• Small size discrete power amplifier
• 1.9 GHz operating area
• Gold metallization ensures excellent reliability.

APPLICATIONS
• Common emitter class-AB operation in hand-held radio equipment at 1.9 GHz.




Similar Part No. - BFG10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
65Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
BFG10 NXP-BFG10 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG10-X NXP-BFG10-X Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BFG10/X PHILIPS-BFG10/X Datasheet
74Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
More results


Similar Description - BFG10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BF689K PHILIPS-BF689K Datasheet
27Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BF763 PHILIPS-BF763 Datasheet
26Kb / 5P
NPN 2 GHz wideband transistor
September 1995
BFG10 PHILIPS-BFG10 Datasheet
74Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
BFG11 PHILIPS-BFG11 Datasheet
79Kb / 12P
NPN 2 GHz RF power transistor
1995 Apr 07
BFG11W PHILIPS-BFG11W Datasheet
98Kb / 12P
NPN 2 GHz power transistor
1996 Jun 04
logo
Weitron Technology
MMBTH10 WEITRON-MMBTH10_07 Datasheet
176Kb / 6P
NPN 1.1 GHz RF Transistor
logo
NXP Semiconductors
BFG10X NXP-BFG10X_95 Datasheet
65Kb / 10P
NPN 2 GHz RF power transistor
1995 Aug 31
logo
Quanzhou Jinmei Electro...
BFG10X_2015 JMNIC-BFG10X_2015 Datasheet
65Kb / 10P
NPN 2 GHz RF power transistor
BFG10X JMNIC-BFG10X_15 Datasheet
65Kb / 10P
NPN 2 GHz RF power transistor
BFT25 JMNIC-BFT25_15 Datasheet
57Kb / 8P
NPN 2 GHz wideband transistor
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com