Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1921G Datasheet (PDF) - Dallas Semiconductor

DS1921G Datasheet PDF - Dallas Semiconductor
Part # DS1921G
Download  DS1921G Download
File Size   497.17 Kbytes
Page   45 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Thermochron iButton

DS1921G Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1921G Datasheet PDF - Dallas Semiconductor

Part # DS1921G
Download  DS1921G Click to download

File Size   497.17 Kbytes
Page   45 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Thermochron iButton

DS1921G Datasheet (HTML) - Dallas Semiconductor


DS1921G Product details

iButton DESCRIPTION

The DS1921G Thermochron iButton is a rugged, self-sufficient system that measures temperature and records the result in a protected memory section. The recording is done ata user-defined rate, both as a direct storage of temperature values as well as in the form of a histogram. Up to 2048 temperature values taken at equidistant intervals ranging from 1 to 255 minutes can be stored.



SPECIAL FEATURES

Digital thermometer measures temperature in 0.5°C increments

Accuracy ±1°C from -30°C to +70°C. See EC table for accuracy specification

Built-in real-time clock (RTC) and timer has accuracy of ±2 minutes per month from 0°C to 45°C

Water resistant or waterproof if placed inside DS9107 iButton® capsule (Exceeds Water Resistant 3 ATM requirements)

Automatically wakes up and measures temperature at user-programmable intervals from 1 to 255 minutes

Logs up to 2048 consecutive temperature measurements in protected nonvolatile (NV) random access memory

Records a long-term temperature histogram with 2.0°C resolution

Programmable temperature-high and temperature-low alarm trip points

Records up to 24 time stamps and durations when temperature leaves the range specified by the trip points

512 bytes of general-purpose read/write NV random access memory

Communicates to host with a single digital signal at 15.4kbits or125kbits per second using 1-Wire® protocol




Similar Part No. - DS1921G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G MAXIM-DS1921G Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS1921G MAXIM-DS1921G Datasheet
472Kb / 42P
Thermochron iButton
Rev 5; 9/11
DS1921G MAXIM-DS1921G Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS1921G-F5 MAXIM-DS1921G-F5 Datasheet
468Kb / 42P
Thermochron iButton
19-5101; Rev 3; 4/10
More results


Similar Description - DS1921G

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1921 DALLAS-DS1921 Datasheet
271Kb / 44P
High-Resolution Thermochron iButton
DS1921L-F5X DALLAS-DS1921L-F5X Datasheet
382Kb / 40P
Thermochron iButton
DS1921H DALLAS-DS1921H_1 Datasheet
490Kb / 45P
High-Resolution Thermochron iButton
logo
Maxim Integrated Produc...
DS1921G MAXIM-DS1921G Datasheet
468Kb / 42P
Thermochron iButton
19-5101; Rev 3; 4/10
DS1921G_1109 MAXIM-DS1921G_1109 Datasheet
472Kb / 42P
Thermochron iButton
Rev 5; 9/11
DS1921H MAXIM-DS1921H Datasheet
452Kb / 45P
High-Resolution Thermochron iButton
Rev 8/09
DS1921K MAXIM-DS1921K Datasheet
75Kb / 3P
Thermochron iButton Starter Kit
4/09
DS1921H MAXIM-DS1921H_11 Datasheet
838Kb / 45P
High-Resolution Thermochron iButton
Rev 12/11
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS1921G MAXIM-DS1921G_V01 Datasheet
454Kb / 42P
Thermochron iButton Device
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com