Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G384GF Datasheet (PDF) - NXP Semiconductors

74LVC1G384GF Datasheet PDF - NXP Semiconductors
Part # 74LVC1G384GF
Download  74LVC1G384GF Download
File Size   126.26 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Bilateral switch

74LVC1G384GF Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G384GF Datasheet PDF - NXP Semiconductors

Part # 74LVC1G384GF
Download  74LVC1G384GF Click to download

File Size   126.26 Kbytes
Page   22 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Bilateral switch

74LVC1G384GF Datasheet (HTML) - NXP Semiconductors


74LVC1G384GF Product details

General description

The 74LVC1G384 is a low-power, low-voltage, high-speed Si-gate CMOS device.

The 74LVC1G384 provides one single pole, single throw analog switch function. It has two input/output terminals (Yand Z) and an active LOW enable input pin (E). When pin E is HIGH, the analog switch is turned off.

Schmitt trigger action at the enable input makes the circuit tolerant of slower input rise and fall times across the entire VCC range from 1.65 V to 5.5 V.



Features

■ Wide supply voltage range from 1.65 V to 5.5 V

■ Very low ON resistance:

  ◆ 7.5 Ω (typical) at VCC = 2.7 V

  ◆ 6.5 Ω (typical) at VCC = 3.3 V

  ◆ 6 Ω (typical) at VCC = 5 V

■ Switch current capability of 32 mA

■ High noise immunity

■ CMOS low power consumption

■ TTL interface compatibility at 3.3 V

■ Latch-up performance meets requirements of JESD 78 Class I

■ ESD protection:

  ◆ HBM JESD22-A114E exceeds 2000 V

  ◆ MM JESD22-A115-A exceeds 200 V

■ Enable input accepts voltages up to 5.5 V

■ Multiple package options

■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C



 




Similar Part No. - 74LVC1G384GF

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G384GM NEXPERIA-74LVC1G384GM Datasheet
332Kb / 23P
Bilateral switch
Rev. 9 - 16 August 2022
74LVC1G384GN NEXPERIA-74LVC1G384GN Datasheet
332Kb / 23P
Bilateral switch
Rev. 9 - 16 August 2022
74LVC1G384GS NEXPERIA-74LVC1G384GS Datasheet
332Kb / 23P
Bilateral switch
Rev. 9 - 16 August 2022
logo
NXP Semiconductors
74LVC1G384GV PHILIPS-74LVC1G384GV Datasheet
114Kb / 22P
Bilateral switch
Rev. 01-26 February 2004
logo
Nexperia B.V. All right...
74LVC1G384GV NEXPERIA-74LVC1G384GV Datasheet
332Kb / 23P
Bilateral switch
Rev. 9 - 16 August 2022
More results


Similar Description - 74LVC1G384GF

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC1G66 PHILIPS-74HC1G66 Datasheet
102Kb / 20P
Bilateral switch
2002 May 15
74LVC1G66 PHILIPS-74LVC1G66 Datasheet
151Kb / 22P
Bilateral switch
2004 Apr 13
logo
Toshiba Semiconductor
TC4S66F TOSHIBA-TC4S66F Datasheet
231Kb / 6P
BILATERAL SWITCH
TC7S66F TOSHIBA-TC7S66F Datasheet
244Kb / 6P
BILATERAL SWITCH
logo
NXP Semiconductors
74LVC2G66 NXP-74LVC2G66 Datasheet
134Kb / 23P
Bilateral switch
Rev. 02-28 August 2007
74LVC2G66 NXP-74LVC2G66_10 Datasheet
752Kb / 26P
Bilateral switch
Rev. 5-16 June 2010
logo
Unisonic Technologies
U74AHC1G66 UTC-U74AHC1G66_09 Datasheet
214Kb / 8P
BILATERAL SWITCH
U74AHCT1G66 UTC-U74AHCT1G66 Datasheet
159Kb / 7P
BILATERAL SWITCH
U74HC1G66 UTC-U74HC1G66 Datasheet
201Kb / 6P
BILATERAL SWITCH
logo
Nexperia B.V. All right...
74LVC1G66 NEXPERIA-74LVC1G66 Datasheet
316Kb / 21P
Bilateral switch
Rev. 12 - 12 January 2022
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com