Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3625 Datasheet (PDF) - Maxim Integrated Products

MAX3625 Datasheet PDF - Maxim Integrated Products
Part # MAX3625
Download  MAX3625 Download
File Size   290.52 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter, Precision Clock Generator with Three Outputs

MAX3625 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3625 Datasheet PDF - Maxim Integrated Products

Part # MAX3625
Download  MAX3625 Click to download

File Size   290.52 Kbytes
Page   10 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter, Precision Clock Generator with Three Outputs

MAX3625 Datasheet (HTML) - Maxim Integrated Products


MAX3625 Product details

General Description
The MAX3625 is a low-jitter precision clock generator optimized for networking applications. The device integrates a crystal oscillator and a phase-locked loop (PLL) clock multiplier to generate high-frequency clock outputs for Ethernet, 10G Fibre Channel, and other networking applications.
Maxim’s proprietary PLL design features ultra-low jitter and excellent power-supply noise rejection, minimizing design risk for network equipment.
The MAX3625 has three LVPECL outputs. Selectable output dividers and a selectable feedback divider allow a range of output frequencies.

Features
♦ Crystal Oscillator Interface: 24.8MHz to 27MHz
♦ CMOS Input: Up to 320MHz
♦ Output Frequencies
   Ethernet: 125MHz, 156.25MHz, 312.5MHz
   10G Fibre Channel: 159.375MHz, 318.75MHz
♦ Low Jitter
   0.14psRMS (1.875MHz to 20MHz)
   0.38psRMS (12kHz to 20MHz)
♦ Excellent Power-Supply Noise Rejection
♦ No External Loop Filter Capacitor Required

Applications
   Ethernet Networking Equipment
   Fibre Channel Storage Area Network




Similar Part No. - MAX3625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625ACUG+ MAXIM-MAX3625ACUG+ Datasheet
311Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3625BEUG+ MAXIM-MAX3625BEUG+ Datasheet
312Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
More results


Similar Description - MAX3625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3622 MAXIM-MAX3622 Datasheet
196Kb / 9P
Low-Jitter, Precision Clock Generator with Two Outputs
Rev 0; 11/07
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
Low Jitter Clock Generator with Eight LVPECL Outputs
REV. A
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com