Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC3G04DC Datasheet (PDF) - NXP Semiconductors

74LVC3G04DC Datasheet PDF - NXP Semiconductors
Part # 74LVC3G04DC
Download  74LVC3G04DC Download
File Size   88.73 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverter

74LVC3G04DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC3G04DC Datasheet PDF - NXP Semiconductors

Part # 74LVC3G04DC
Download  74LVC3G04DC Click to download

File Size   88.73 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Triple inverter

74LVC3G04DC Datasheet (HTML) - NXP Semiconductors


74LVC3G04DC Product details

General description
The 74LVC3G04 provides three inverting buffers.
Inputs can be driven from either 3.3 V or 5 V devices. This feature allows the use of these devices as translators in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing a damaging backflow current through the device when it is powered down.

Features and benefits
• Wide supply voltage range from 1.65 V to 5.5 V
• 5 V tolerant outputs for interfacing with 5 V logic
• High noise immunity
• Complies with JEDEC standard:
    • JESD8-7 (1.65 V to 1.95 V)
    • JESD8-5 (2.3 V to 2.7 V)
    • JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
    • HBM JESD22-A114F exceeds 2 000 V
    • MM JESD22-A115-A exceeds 200 V
• ±24 mA output drive (VCC = 3.0 V)
• CMOS low power consumption
• Latch-up performance exceeds 250 mA
• Direct interface with TTL levels
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74LVC3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04DC PHILIPS-74LVC3G04DC Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
74LVC3G04DC NXP-74LVC3G04DC Datasheet
101Kb / 16P
Triple inverter
Rev. 07-16 June 2008
logo
Nexperia B.V. All right...
74LVC3G04DC NEXPERIA-74LVC3G04DC Datasheet
252Kb / 15P
Triple inverter
Rev. 14 - 16 April 2021
74LVC3G04DC-Q100 NEXPERIA-74LVC3G04DC-Q100 Datasheet
205Kb / 11P
Triple inverter
More results


Similar Description - 74LVC3G04DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
Triple Inverter
August, 2002 ??Rev. 2
logo
NXP Semiconductors
74LVC3GU04 PHILIPS-74LVC3GU04 Datasheet
89Kb / 16P
TRIPLE INVERTER
Rev. 03-01 February 2005
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
TRIPLE INVERTER
Jun-2003
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74AHC2GU04 TI1-SN74AHC2GU04 Datasheet
74Kb / 5P
TRIPLE INVERTER
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
Triple Inverter
March, 2015 ??Rev. 7
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
Triple inverter
Rev. 3 - 26 November 2018
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
Triple inverter
Rev. 5 - 26 November 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com