Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1423965 Datasheet (PDF) - PHOENIX CONTACT

1423965 Datasheet PDF - PHOENIX CONTACT
Part # 1423965
Download  1423965 Download
File Size   384.58 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD CW3PE2,5 2X6-10 GY - Conductor connector

1423965 Datasheet (PDF)

Go To PDF Page Download Datasheet
1423965 Datasheet PDF - PHOENIX CONTACT

Part # 1423965
Download  1423965 Click to download

File Size   384.58 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description QPD CW3PE2,5 2X6-10 GY - Conductor connector

1423965 Datasheet (HTML) - PHOENIX CONTACT


1423965 Product details

Conductor connector, product family: QPD, connection method: IDC connection/ IDC connection,
number of positions: 3+PE, 1 mm2 ... 2.5 mm2, 690 V, 20 A, PA, gray, With two QUICKON nuts,
coding: Coding profile, external cable diameter: 6 mm ... 10 mm




Similar Part No. - 1423965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1423961 PHOENIX-1423961 Datasheet
77Kb / 4P
Contact insert module - HC-M-05L-TPT-M
1423962 PHOENIX-1423962 Datasheet
79Kb / 4P
Contact insert module - HC-M-05L-TPT-F
1423966 PHOENIX-1423966 Datasheet
420Kb / 9P
QPD W3PE2,5 M25 0,5 GY - Panel feed-through
logo
TE Connectivity Ltd
1423967-1 TEC-1423967-1 Datasheet
1Mb / 4P
Meets requirements of UL Class F construction
1423967-1 TEC-1423967-1 Datasheet
789Kb / 5P
T92 Series Two-pole Power Relay
More results


Similar Description - 1423965

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1582372 PHOENIX-1582372 Datasheet
109Kb / 6P
Connectors - QPD P 4X2,5 6-10 GY
1582393 PHOENIX-1582393 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X6-10 GY
1582400 PHOENIX-1582400 Datasheet
80Kb / 5P
Conductor connectors - QPD C 4X2,5/2X9-14 GY
1582421 PHOENIX-1582421 Datasheet
88Kb / 6P
Conductor connectors - QPD C 4X2,5/1X9-14 GY
1403838 PHOENIX-1403838 Datasheet
278Kb / 6P
Conductor connectors - QPD C 4PE2,5 2X6-11 BK
1403844 PHOENIX-1403844 Datasheet
257Kb / 5P
Conductor connectors - QPD CW 4PE2,5 2X6-11 BK
1423989 PHOENIX-1423989 Datasheet
293Kb / 6P
Conductor connectors - QPD C3PE2,5 2X6-10 BK
02/04/2022
1424021 PHOENIX-1424021 Datasheet
93Kb / 6P
Conductor connectors - QPD C4X2,5/2X6-10 GY
09/11/2020
1424034 PHOENIX-1424034 Datasheet
96Kb / 6P
Conductor connectors - QPD CW4X2,5/2X6-10 GY
09/11/2020
1424038 PHOENIX-1424038 Datasheet
95Kb / 6P
Conductor connectors - QPD CW3PE2,5 2X6-10 BK
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com