Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD100CUY120C2S Datasheet (PDF) - StarPower Europe AG

GD100CUY120C2S Datasheet PDF - StarPower Europe AG
Part # GD100CUY120C2S
Download  GD100CUY120C2S Download
File Size   184.82 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/100A chopper in one-package

GD100CUY120C2S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD100CUY120C2S Datasheet PDF - StarPower Europe AG

Part # GD100CUY120C2S
Download  GD100CUY120C2S Click to download

File Size   184.82 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/100A chopper in one-package

GD100CUY120C2S Datasheet (HTML) - StarPower Europe AG


GD100CUY120C2S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 10μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated copper baseplate using DBC technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD100CUY120C2S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD100CUY120C1S STARPOWER-GD100CUY120C1S Datasheet
197Kb / 9P
1200V/100A chopper in one-package
2/16/2016
More results


Similar Description - GD100CUY120C2S

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB100B12 NIEC-PCHMB100B12 Datasheet
121Kb / 3P
IGBT MODULE Chopper 100A 1200V
PRHMB100B12 NIEC-PRHMB100B12 Datasheet
121Kb / 3P
IGBT MODULE Chopper 100A 1200V
logo
Fuji Electric
2MBI100SC-120 FUJI-2MBI100SC-120 Datasheet
438Kb / 4P
1200V / 100A 2 in one-package
logo
List of Unclassifed Man...
6MBI100UB-120 ETC2-6MBI100UB-120 Datasheet
123Kb / 5P
IGBT Module U-Series 1200V / 100A 6 in one-package
logo
Fuji Electric
6MBI100UC-120 FUJI-6MBI100UC-120 Datasheet
128Kb / 5P
1200V / 100A 6 in one-package
1MBI100U4F-120L-50 FUJI-1MBI100U4F-120L-50 Datasheet
451Kb / 7P
IGBT MODULE (U series) 1200V / 100A / 1 in one package
2MBI100HB-120-50 FUJI-2MBI100HB-120-50 Datasheet
531Kb / 6P
HIGH SPEED IGBT MODULE 1200V / 100A / 2 in one package
6MBI100VB-120-50 FUJI-6MBI100VB-120-50 Datasheet
427Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
6MBI100VX-120-50 FUJI-6MBI100VX-120-50 Datasheet
464Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 6 in one package
2MBI100VA-120-50 FUJI-2MBI100VA-120-50 Datasheet
470Kb / 6P
IGBT MODULE (V series) 1200V / 100A / 2 in one package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com