Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD300CLY120C2S Datasheet (PDF) - StarPower Europe AG

GD300CLY120C2S Datasheet PDF - StarPower Europe AG
Part # GD300CLY120C2S
Download  GD300CLY120C2S Download
File Size   182.05 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/300A chopper in one-package

GD300CLY120C2S Datasheet (PDF)

Go To PDF Page Download Datasheet
GD300CLY120C2S Datasheet PDF - StarPower Europe AG

Part # GD300CLY120C2S
Download  GD300CLY120C2S Click to download

File Size   182.05 Kbytes
Page   9 Pages
Manufacturer  STARPOWER [StarPower Europe AG]
Direct Link  www.starpowereurope.com
Logo STARPOWER - StarPower Europe AG
Description 1200V/300A chopper in one-package

GD300CLY120C2S Datasheet (HTML) - StarPower Europe AG


GD300CLY120C2S Product details

General Description
STARPOWER IGBT Power Module provides ultra low conduction loss as well as short circuit ruggedness. They are designed for the applications such as general inverters and UPS.

Features
 Low VCE(sat) Trench IGBT technology
 10μs short circuit capability
 VCE(sat) with positive temperature coefficient
 Maximum junction temperature 175oC
 Low inductance case
 Fast & soft reverse recovery anti-parallel FWD
 Isolated copper baseplate using AlN DBC technology

Typical Applications
 Inverter for motor drive
 AC and DC servo drive amplifier
 Uninterruptible power supply




Similar Part No. - GD300CLY120C2S

ManufacturerPart #DatasheetDescription
logo
StarPower Europe AG
GD300CEY120C2S STARPOWER-GD300CEY120C2S Datasheet
183Kb / 9P
1200V/300A 2 in one-package
11/30/2016
GD300CUY120C2S STARPOWER-GD300CUY120C2S Datasheet
182Kb / 9P
1200V/300A chopper in one-package
11/30/2016
More results


Similar Description - GD300CLY120C2S

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2MBI300N-120-01 FUJI-2MBI300N-120-01 Datasheet
278Kb / 4P
1200V / 300A 2 in one-package
logo
Nihon Inter Electronics...
PRHMB300B12 NIEC-PRHMB300B12 Datasheet
122Kb / 3P
IGBT MODULE Chopper 300A 1200V
logo
List of Unclassifed Man...
2MBI300UD-120 ETC1-2MBI300UD-120 Datasheet
105Kb / 4P
1200V / 300A 2 in one-package IGBT Module U-Series
2MBI300UC-120 ETC2-2MBI300UC-120 Datasheet
108Kb / 4P
IGBT Module U-Series 1200V / 300A 2 in one-package
logo
Fuji Electric
2MBI300S-120 FUJI-2MBI300S-120 Datasheet
853Kb / 4P
1200V / 300A 2 in one-package
1MBI300S-120 FUJI-1MBI300S-120 Datasheet
477Kb / 4P
1200V / 300A 1 in one-package
1MBI300HH-120L-50 FUJI-1MBI300HH-120L-50 Datasheet
493Kb / 7P
IGBT MODULE 1200V / 300A / 1 in one package
2MBI300VD-120-50 FUJI-2MBI300VD-120-50 Datasheet
403Kb / 6P
IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VE-120-50 FUJI-2MBI300VE-120-50 Datasheet
405Kb / 6P
IGBT MODULE (V series) 1200V / 300A / 2 in one package
2MBI300VH-120-50 FUJI-2MBI300VH-120-50 Datasheet
424Kb / 6P
IGBT MODULE (V series) 1200V / 300A / 2 in one package
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com