Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2127 Datasheet (PDF) - International Rectifier

IR2127 Datasheet PDF - International Rectifier
Part # IR2127
Download  IR2127 Download
File Size   194.19 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CURRENT SENSING SINGLE CHANNEL DRIVER

IR2127 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2127 Datasheet PDF - International Rectifier

Part # IR2127
Download  IR2127 Click to download

File Size   194.19 Kbytes
Page   16 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description CURRENT SENSING SINGLE CHANNEL DRIVER

IR2127 Datasheet (HTML) - International Rectifier


IR2127 Product details

Description
The IR2127/IR2128/IR21271(S) is a high voltage, high speed power MOSFET and IGBT driver. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS or LSTTL outputs, down to 3.3V. The protection circuity detects over-current in the driven power transistor and terminates the gate drive voltage. An open drain FAULT signal is pro vided to indicate that an over-current shutdown has occurred. The output driver features a high pulse current buffer stage designed for minimum cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high side or low side configuration which operates up to 600 volts.

Features
• Floating channel designed for bootstrap operation
   Fully operational to +600V
   Tolerant to negative transient voltage dV/dt immune
• Application- specific gate drive range:
   Motor Drive: 12 to 20V (IR2127/IR2128)
   Automotive: 9 to 20V (IR21271)
• Undervoltage lockout
• 3.3V, 5V and 15V input logic compatible
• FAULT lead indicates shutdown has occured
• Output in phase with input (IR2127/IR21271)
• Output out of phase with input (IR2128)
• Avaliable in Lead-Free




Similar Part No. - IR2127

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127 Datasheet
199Kb / 16P
SURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
IR21271 INFINEON-IR21271 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
IR21271S INFINEON-IR21271S Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
More results


Similar Description - IR2127

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2127 IRF-IR2127 Datasheet
230Kb / 6P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2122 IRF-IR2122 Datasheet
91Kb / 6P
CURRENT SENSING SINGLE CHANNEL DRIVER
IRS212PBF IRF-IRS212PBF Datasheet
371Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Micrel Semiconductor
MIC5020 MICREL-MIC5020_05 Datasheet
185Kb / 8P
Current-Sensing Low-Side MOSFET Driver
logo
International Rectifier
IR21271STRPBF IRF-IR21271STRPBF Datasheet
320Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127STRPBF IRF-IR2127STRPBF Datasheet
199Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
IR2127 IRF-IR2127_15 Datasheet
199Kb / 16P
SURRENT SENSING SINGLE CHANNEL DRIVER
IRS2127PBF IRF-IRS2127PBF_15 Datasheet
320Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
logo
Infineon Technologies A...
IRS212 INFINEON-IRS212 Datasheet
741Kb / 21P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60299
IR2127 INFINEON-IR2127 Datasheet
201Kb / 16P
CURRENT SENSING SINGLE CHANNEL DRIVER
Data Sheet No. PD60143-O
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com